Electronic Components Datasheet Search
  English  ▼

X  

UCC28811DR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811DR
Description  LED LIGHTING POWER CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811DR Datasheet(HTML) 25 Page - Texas Instruments

Back Button UCC28811DR Datasheet HTML 21Page - Texas Instruments UCC28811DR Datasheet HTML 22Page - Texas Instruments UCC28811DR Datasheet HTML 23Page - Texas Instruments UCC28811DR Datasheet HTML 24Page - Texas Instruments UCC28811DR Datasheet HTML 25Page - Texas Instruments UCC28811DR Datasheet HTML 26Page - Texas Instruments UCC28811DR Datasheet HTML 27Page - Texas Instruments UCC28811DR Datasheet HTML 28Page - Texas Instruments UCC28811DR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Low-Side Buck Stage
(
)
SW min
PK
PK
IN
OUT
OUT
1
f
L I
L I
V
V
V
@
æ
ö
æ
ö
´
´
+
ç
÷
ç
÷
-
è
ø
è
ø
(4)
UCC28810
UCC28811
www.ti.com.............................................................................................................................................................................................. SLUS865 – OCTOBER 2008
The LED current is provided by a low-side buck converter operating in critical conduction mode, shown in
Figure 29. The buck controller is programmed to provide a peak current of two times (2 ×) the maximum average
load current of 0.9 A (nom). The critical conduction mode allows the current to reach 0 A before beginning the
next cycle. This method provides high-efficiency due to minimized voltage on the MOSFET drain at turn on.
Cycle-by-cycle current control to the LEDs is also a benefit of critical conduction mode. The average current of
the buck driver is controlled via the PWM input (J9, Pin 3).
The UCC28811 is configured to operate in peak current limit mode with the ability to shutdown and PWM control
the buck converter with the enable function on the VSENSE pin.
The voltage divider formed by R27 and R28 from the 5.1-V zener diode (D9) provides approx 2 V to VSENSE
which is below the internal reference and above the enable threshold. R29 and R30 is a divider which biases
VINS at approx 3 V.
The saturated EAOUT and VINS saturates the current reference generator so the UCC28811 VDRV termination
is determined by 1.7 V on ISENSE. RSENSE (R36 + R38) is determined by the current sense threshold and 2
times the desired average LED current
The minimum operating frequency of a given inductor value can be determined by summing the on and off time
of the buck switch to achieve the desired peak-to-peak current.
R40 and R48 provide a small current from LED+ into the ISENSE filter to offset the change in peak current due
to the propagation delay of the ISENSE comparator. The change in di/dt from minimum to maximum VLED+ is
determined. The delta in di/dt results in a
ΔV across RSENSE (R36 + R38). R40 and 48 are sized to match this ΔV
across (R36 + R37 + R38) with the current developed by VLED+(max)–VLED+(min).
Overvoltage protection is provided to protect against open circuit loads, shown in Figure 27. The circuit provides
detection of voltage between LED+ and LED– without a current path from LED- to ground in normal operation.
The trigger voltage is determined by the total zener voltage of D15 and D19, (150 V) in this example. Once the
zener breakdown is exceeded, the current through R43 will forward bias the VBE of Q6. The collector voltage of
Q6 is divided down with R44 and R42 and summed into the buck shutdown through D14.
A undervoltage lockout circuit is recommended for low-side buck LED current sources operating at output
voltages over 115 V. A simple, effective UVLO circuit is shown in Figure 28. When the 2N2222 transistor is off,
the collector is pulled high which disables the buck convertor through the common shutdown path . When the
total zener voltage is exceeded, the 2N2222 is turned on enabling the buck converter. The UVLO enable voltage
should be selected to be between the highest anticipated buck output and the minimum output voltage of the
PFC boost follower.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com