Electronic Components Datasheet Search
  English  ▼

X  

BC447 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC447
Description  High Voltage Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC447 Datasheet(HTML) 1 Page - ON Semiconductor

  BC447 Datasheet HTML 1Page - ON Semiconductor BC447 Datasheet HTML 2Page - ON Semiconductor BC447 Datasheet HTML 3Page - ON Semiconductor BC447 Datasheet HTML 4Page - ON Semiconductor BC447 Datasheet HTML 5Page - ON Semiconductor BC447 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2003
March, 2003 - Rev. 2
1
Publication Order Number:
BC447/D
BC447, BC449, BC449A
High Voltage Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BC447
BC449, BC449A
VCEO
80
100
Vdc
Collector-Base Voltage
BC447
BC449, BC449A
VCBO
80
100
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current - Continuous
IC
300
mAdc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
-55 to
+150
°C
Moisture Sensitivity Level (MSL)
Electrostatic Discharge (ESD)
MSL: 1
NA
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction-to-Ambient
RθJA
200
°C/W
Thermal Resistance,
Junction-to-Case
RθJC
83.3
°C/W
Device
Package
Shipping
ORDERING INFORMATION
BC447
TO-92
http://onsemi.com
CASE 29
TO-92
STYLE 17
5000 Units/Box
3
2
1
BC449
TO-92
5000 Units/Box
COLLECTOR
1
2
BASE
3
EMITTER
BC449A
TO-92
5000 Units/Box
MARKING DIAGRAM
BC
44xx
YWW
BC44xx = Specific Device Code
xx
= 7, 9 or 9A
Y
= Year
WW
= Work Week


Similar Part No. - BC447

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC440 MICRO-ELECTRONICS-BC440 Datasheet
128Kb / 2P
COMPLEMENTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
BC440 CENTRAL-BC440 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BC440 SEME-LAB-BC440 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
BC440 NJSEMI-BC440 Datasheet
87Kb / 1P
SILICON PLANAR
logo
Seme LAB
BC440-4 SEME-LAB-BC440-4 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
More results

Similar Description - BC447

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
High Voltage Transistors
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
High Voltage Transistors
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
High Voltage Transistors
September, 2010 -- Rev. 7
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
High Voltage Transistors
October, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com