Electronic Components Datasheet Search
  English  ▼

X  

BC447 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC447
Description  High Voltage Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC447 Datasheet(HTML) 3 Page - ON Semiconductor

  BC447 Datasheet HTML 1Page - ON Semiconductor BC447 Datasheet HTML 2Page - ON Semiconductor BC447 Datasheet HTML 3Page - ON Semiconductor BC447 Datasheet HTML 4Page - ON Semiconductor BC447 Datasheet HTML 5Page - ON Semiconductor BC447 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC447, BC449, BC449A
http://onsemi.com
3
Figure 1. Current-Gain — Bandwidth Product
Figure 2. Capacitance
Figure 3. Switching Times
IC, COLLECTOR CURRENT (mA)
−100
−10
200
100
70
50
30
VR, REVERSE VOLTAGE (VOLTS)
−1.0
−100
−0.1
−2.0
−2.0 −3.0
−5.0 −7.0
−20 −30
−50 −70
300
−0.2
−0.5
−5.0
−10 −20
−50
TJ = 25°C
IC, COLLECTOR CURRENT (mA)
−10
500
200
100
50
20
10
−100
−50
−200
1.0 k
300
700
70
30
−70
−20
−30
TJ = 25°C
VCE = −1.0 V
−5.0 V
−1.0
40
20
10
6.0
TJ = 25°C
4.0
2.0
Cibo
Cobo
VCC = −40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
td @ VBE(off) = −0.5 V
8.0
Figure 4. Active-Region Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
−10
−50
−1.0
−500
−200
−100
−50
−20
−10
−20
−2.0
−5.0
−1.0 k
MPS8598
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
MPS8599
−3.0
−7.0
−30
−100
−70
−30
−70
−300
−700
DUTY CYCLE ≤ 10%
Figure 5. DC Current Gain
Figure 6. “ON” Voltages
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
−2.0
−0.2
300
200
100
70
50
30
−10
TJ = 125°C
−1.0
−5.0
VCE = −5.0 V
−20
−100
−50
−200
25°C
−55°C
−0.5
10
200
1.0
1.0
0.8
0.6
0.4
0.2
0
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 5.0 V
0.2
2.0
20
50
0.5
5.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com