Electronic Components Datasheet Search
  English  ▼

X  

BC447 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BC447
Description  High Voltage Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC447 Datasheet(HTML) 4 Page - ON Semiconductor

  BC447 Datasheet HTML 1Page - ON Semiconductor BC447 Datasheet HTML 2Page - ON Semiconductor BC447 Datasheet HTML 3Page - ON Semiconductor BC447 Datasheet HTML 4Page - ON Semiconductor BC447 Datasheet HTML 5Page - ON Semiconductor BC447 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC447, BC449, BC449A
http://onsemi.com
4
Figure 7. Collector Saturation Region
Figure 8. Base-Emitter Temperature
Coefficient
IC, COLLECTOR CURRENT (mA)
IB, BASE CURRENT (mA)
100
0.2
10
1.0
2.0
5.0
20
50
200
0.1
10
0.05
2.0
1.6
1.2
0.8
0.4
0
1.0
TJ = 25°C
IC =
100 mA
IC =
50 mA
IC =
200 mA
IC =
20 mA
IC =
10 mA
20
2.0
5.0
0.2
0.5
−1.0
−1.4
−1.8
−2.2
−2.6
−3.0
RqVB FOR VBE
−55°C TO 125°C
0.5
0.02
Figure 9. Thermal Response
t, TIME (ms)
1.0
2.0
5.0
10
20
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
20 k
50 k 100 k
0.03
0.02
0.1
0.07
0.05
0.01
0.3
0.2
1.0
0.7
0.5
ZθJC(t) = r(t) • RθJC
TJ(pk) − TC = P(pk) ZθJC(t)
ZθJA(t) = r(t) • RθJA
TJ(pk) − TA = P(pk) ZθJA(t)
D CURVES APPLY FOR
POWER PULSE TRAIN
SHOWN READ TIME AT t1
(SEE AN469)
t1
t2
DUTY CYCLE, D = t1/t2
P(pk)
D = 0.5
0.2
0.1
0.02
0.01
SINGLE PULSE
SINGLE PULSE
0.05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com