Electronic Components Datasheet Search
  English  ▼

X  

BC447 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC447
Description  High Voltage Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC447 Datasheet(HTML) 2 Page - ON Semiconductor

  BC447 Datasheet HTML 1Page - ON Semiconductor BC447 Datasheet HTML 2Page - ON Semiconductor BC447 Datasheet HTML 3Page - ON Semiconductor BC447 Datasheet HTML 4Page - ON Semiconductor BC447 Datasheet HTML 5Page - ON Semiconductor BC447 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC447, BC449, BC449A
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector - Emitter Breakdown Voltage (Note 1)
(IC = 1.0 mAdc, IB = 0)
BC447
BC449, BC449A
V(BR)CEO
80
100
-
-
-
-
Vdc
Collector - Base Breakdown Voltage
(IC = 100 µAdc, IE = 0)
BC447
BC449, BC449A
V(BR)CBO
80
100
-
-
-
-
Vdc
Emitter - Base Breakdown Voltage
(IE = 10 µAdc, IC = 0)
V(BR)EBO
5.0
-
-
Vdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
BC447
(VCB = 80 Vdc, IE = 0)
BC449, BC449A
ICBO
-
-
-
-
100
100
nAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
BC447, BC449
BC449A
(IC = 10 mAdc, VCE = 5.0 Vdc)
BC447, BC449
BC449A
(IC = 100 mAdc, VCE = 5.0 Vdc)
BC447, BC449
BC449A
hFE
50
120
50
100
50
60
-
-
-
-
-
-
460
220
-
-
-
-
-
Collector - Emitter Saturation Voltage
(IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
-
0.125
0.25
Vdc
Base - Emitter Saturation Voltage
(IC = 100 mAdc, IB = 10 mAdc)
VBE(sat)
-
0.85
-
Vdc
Base - Emitter On Voltage
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
(IC = 100 mAdc, VCE = 5.0 Vdc) (Note 1)
VBE(on)
0.55
-
-
0.76
0.7
1.2
Vdc
DYNAMIC CHARACTERISTICS
Current - Gain - Bandwidth Product
(IC = 50 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
200
-
MHz
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle 2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com