Electronic Components Datasheet Search
  English  ▼

X  

TMP007 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMP007
Description  Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP007 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 30Page - Texas Instruments TMP007 Datasheet HTML 31Page - Texas Instruments TMP007 Datasheet HTML 32Page - Texas Instruments TMP007 Datasheet HTML 33Page - Texas Instruments TMP007 Datasheet HTML 34Page - Texas Instruments TMP007 Datasheet HTML 35Page - Texas Instruments TMP007 Datasheet HTML 36Page - Texas Instruments TMP007 Datasheet HTML 37Page - Texas Instruments TMP007 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
34
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
Product Folder Links: TMP007
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
7.5.11.9 TC1 Coefficient Register (address = 12h) [reset = 0000h]
Figure 48. TC1 Coefficient Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TC1_
15
TC1_
14
TC1_
13
TC1_
12
TC1_
11
TC1_
10
TC1_9
TC1_8
TC1_7
TC1_6
TC1_5
TC1_4
TC1_3
TC1_2
TC1_1
TC1_0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
TC1_15 to TC1_0:
TC1 Coefficient Value. Bits 15 to 0
Twos complement format. Range and resolution given in Table 9
7.5.12 Manufacturer ID Register (address = 1Eh) [reset = 5449h]
Figure 49. Manufacturer ID Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ID15
ID14
ID13
ID12
ID11
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
R-0
R-1
R-0
R-1
R-0
R-1
R-0
R-0
R-0
R-1
R-0
R-0
R-1
R-0
R-0
R-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
ID15 to ID0:
Manufacturer ID Bits. Bits 15 to 0. Reads 'TI' in ASCII code.
7.5.13 Device ID Register (address = 1Fh) [reset = 0078h]
Figure 50. Device ID Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DID11
DID10
DID9
DID8
DID7
DID6
DID5
DID4
DID3
DID2
DID1
DID0
RID3
RID2
RID1
RID0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-1
R-1
R-1
R-1
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
DID11 to DID0:
Device ID Bits. Bits 15 to 4. Reads 007h.
RID3 to RID0:
Revision ID Bits. Bits 3 to 0. Reads 8h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com