Electronic Components Datasheet Search
  English  ▼

X  

TMP007 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP007
Description  Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP007 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 9Page - Texas Instruments TMP007 Datasheet HTML 10Page - Texas Instruments TMP007 Datasheet HTML 11Page - Texas Instruments TMP007 Datasheet HTML 12Page - Texas Instruments TMP007 Datasheet HTML 13Page - Texas Instruments TMP007 Datasheet HTML 14Page - Texas Instruments TMP007 Datasheet HTML 15Page - Texas Instruments TMP007 Datasheet HTML 16Page - Texas Instruments TMP007 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
N
SENSOR
X
X 1
1
V
Sensor Conversion
N
=
=
å
N
DIE
X
X 1
1
T
Local Temp Conversion
N
=
=
å
OUT
SENSOR
HOT
COLD
OBJ
DIE
V
V
C (T
T
)
(T
4
T
4)
=
=
´
-
µ
-
Thermopile
Heat Absorbor
Cold Junction
Thot
Tcold
Thot
Thot
Thot
EHOT ß TDIE
4
EOBJ ß TOBJ
4
+
13
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
Product Folder Links: TMP007
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Thermopile Principles and Operation
The TMP007 senses radiation by absorbing the radiation on a hot junction. The thermopile then generates a
voltage proportional to the temperature difference between the hot junction, Thot, and the cold junction, Tcold.
Figure 21. Principle of Thermopile Operation
The cold junction is thermally grounded to the die, and is effectively TDIE, the die temperature. In thermal
equilibrium, the hot junction is determined by the object temperature, TOBJ. The energy emitted by the object,
EOBJ, minus the energy radiated by the die, EDIE, determines the temperature of the hot junction. The output
voltage, VOUT, is therefore determined by the relationship shown in Equation 2:
where
•
C is a constant depending on the design of the sensing element.
(2)
Note that the sensor voltage is related to both the object temperature and the die temperature. A fundamental
characteristic of all thermopiles is that they measure temperature differentials, not absolute temperatures. The
TMP007 contains a highly-accurate, internal temperature sensor to measure TDIE. Knowing TDIE and VSENSOR
enables the TMP007 to estimate TOBJ. For each 250-ms conversion cycle, the TMP007 measures a value for
VSENSOR and for TDIE, calculates TOBJ, and then places the values in the respective registers.
Bits CR2 to CR0 determine the number of local and sensor analog-to-digital converter (ADC) results to average
before the object temperature is calculated.
After power-on reset (POR), the TMP007 starts in four conversions per second (mode 010). In general, for a
mode with N conversions, the local temperature, TDIE, result is updated at the end of the Nth ADC conversion
with the value shown in Equation 3:
(3)
Similarly, the sensor voltage result is updated at the end of the Nth sensor ADC conversion with the value shown
in Equation 4:
(4)
These results are then used in the object temperature calculation by the math engine, which updates the object
temperature result register. The total conversion time and averages per conversion can be optimized to select
the best combination of update rate versus noise for an application. Additionally, low-power conversion mode is
available. In CR settings 101, 110, and 111, the device inserts a standby time before the beginning of the next
conversion or conversions.
The method and requirements for estimating TOBJ are described in the next section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com