Electronic Components Datasheet Search
  English  ▼

X  

TMP007 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMP007
Description  Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP007 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 10Page - Texas Instruments TMP007 Datasheet HTML 11Page - Texas Instruments TMP007 Datasheet HTML 12Page - Texas Instruments TMP007 Datasheet HTML 13Page - Texas Instruments TMP007 Datasheet HTML 14Page - Texas Instruments TMP007 Datasheet HTML 15Page - Texas Instruments TMP007 Datasheet HTML 16Page - Texas Instruments TMP007 Datasheet HTML 17Page - Texas Instruments TMP007 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
{
}
4
OBJ
4
OBJ
DIE
ƒ V
T
T
S
æ
ö
=
+ ç
÷
ç
÷
è
ø
4
4
SENSOR
OBJ
DIE
V
T
T
=
+
es
(
)
4
4
SENSOR
ABSORBED
RADIATED
OBJ
DIE
V
E
E
T
T
µ
-
= es
-
4
Rad
OBJ
Energy
T
= es
14
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
Product Folder Links: TMP007
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Feature Description (continued)
7.3.4 Object Temperature Calculation
The TMP007 generates a sensor voltage, VSensor, in register 00h that is related to the energy radiated by the
object. For an ideal situation, the Stefan-Boltzman law relates the energy radiated by an object to its temperature
by the relationship shown in Equation 5:
where
•
σ = Stefan-Boltzman constant = 5.67 × 10
-12 W/(cm2K4)
•
ε = Emissivity, 0 < ε < 1, an object dependent factor, ε = 1 for a perfect black body
(5)
A similar relationship holds for the sensing element itself that radiates heat at a rate determined by TDIE. The net
energy absorbed by the sensor is then given by the energy absorbed from the object minus the energy radiated
by the sensor, as shown in Equation 6:
(6)
In an ideal situation, the sensor voltage relates to object temperature as shown in Equation 7:
(7)
where
•
S is a system-dependent parameter incorporating the object emissivity (
ε), FOV, and sensor characteristics.
The parameters S0, A1, and A2 are used in determining S.
•
f(VOBJ) is a function that compensates for heat flow other than radiation, such as convection and conduction,
from nearby objects. The parameters B0, B1, and B2 are used to tune this function to a particular system and
environment.
(8)
The coefficients affect object temperature measurement as described in Table 1.
Table 1. Calibration Coefficient Definitions
COEFFICIENT
PURPOSE
CALIBRATION
COMMENT
S0
FOV and emissivity of object
Application and object
dependent
Default values based on black body with
ε = 0.95, and
110° FOV
A1, A2
Device properties
Factory set
Default values based on typical sensor characteristics
C2
Device properties
Factory set
Default values based on typical sensor characteristics
B0, B1, B2
Corrects for energy sources
Environment dependent
Calibrate in end-application environment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com