Electronic Components Datasheet Search
  English  ▼

X  

TPS62301 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62301
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62301 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62301 Datasheet HTML 1Page - Texas Instruments TPS62301 Datasheet HTML 2Page - Texas Instruments TPS62301 Datasheet HTML 3Page - Texas Instruments TPS62301 Datasheet HTML 4Page - Texas Instruments TPS62301 Datasheet HTML 5Page - Texas Instruments TPS62301 Datasheet HTML 6Page - Texas Instruments TPS62301 Datasheet HTML 7Page - Texas Instruments TPS62301 Datasheet HTML 8Page - Texas Instruments TPS62301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.ti.com
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
ELECTRICAL CHARACTERISTICS (continued)
V
I = 3.6 V, VO = 1.6 V, EN = VI, MODE/SYNC = GND, L = 1 µH, CO = 10 µF, TA = -40°C to 85°C, typical values are at
T
A = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
fSW
Oscillator frequency
2.65
3
3.35
MHz
f(SYNC)
Synchronization range
2.65
3.35
MHz
Duty cycle of external clock signal
20%
80%
OUTPUT
Adjustable output
TPS62300
VO
0.6
5.4
V
voltage range
TPS62320
Regulated feedback
TPS62300
V(FB)
0.4
V
voltage
TPS62320
DC power train amplification
A(PT)
1.496
1.5
1.504
(VO/V(ADJ))
Minimum on-time (P-channel
ton(MIN)
35
ns
MOSFET)
Resistance into VOUT sense pin
700
1000
k
Ω
Resistance into ADJ pin
V(FB) > 0.4 V
700
1000
1300
k
Ω
Feedback input bias
TPS62300
I(FB)
V(FB) = 0.4 V
1
nA
current
TPS62320
Adjustable output
TPS62300
–2%
+2%
voltage(1)
TPS62320
TPS6230x
2.7 V
≤ V
I ≤ 6 V, 0 mA ≤ IO(DC) ≤ 500 mA
TPS6231x
PFM/PWM mode operation
–2%
+2%
Fixed output voltage
TPS6232x
TPS62305
–2%
+2.7%
TA = 25 C
–0.5%
+1.3%
VO
Adjustable output
TPS62300
voltage dc accuracy(1)
TPS62320
–40 C
≤ T
A ≤ 85
C
–0.5%
+1.3%
TPS6230x
TA = 25 C
–0.5%
+1.3%
PWM mode operation,
TPS6231x
VI = 3.6 V, No Load
–40 C
≤ T
A ≤ 85
C
–0.5%
+1.3%
TPS6232x
Fixed output voltage
dc accuracy
TA = 25 C
–0.3%
+1.7%
TPS62305
–40 C
≤ T
A ≤ 85
C
–0.5%
+2%
DC output voltage load regulation
IO = 0 mA to 500 mA, MODE/SYNC = VI
–0.001
–0.002
%/mA
DC output voltage load regulation
V(ADJ) externally forced to 1.067 V,
–0.0003
–0.0006
%/mA
(power train in direct drive mode)
IO = 0 mA to 500 mA, MODE/SYNC = VI
VI = VO + 0.5 V (min 2.7 V) to
DC output voltage line regulation
0.11
0.2
%/V
6 V, IO = 100 mA, MODE/SYNC = VI
V(ADJ) externally forced to 1.067 V,
DC output voltage line regulation
VI = VO + 0.5 V (min 2.7 V) to 6 V, IO = 100 mA,
0.035
0.1
%/V
(power train in direct drive mode)
MODE/SYNC = VI
Integrator slew rate
100
150
200
µV/µs
∆V
O
Power-save mode ripple voltage
IO = 1 mA, MODE/SYNC = GND
0.025 VO
VP-P
Start-up time
IO = 200 mA, Time from active EN to VO
250
µs
Leakage current into SW pin
VI > VO, 0 V ≤ V(SW) ≤ VIN, EN = GND
0.1
1
Ilkg(SW)
µA
Reverse leakage current into SW pin
VI = open, V(SW) = 6 V, EN = GND
0.1
1
(1)
Output voltage specification for the adjustable version does not include tolerance of external voltage programming resistors.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com