Electronic Components Datasheet Search
  English  ▼

X  

TPS62301 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62301
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62301 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS62301 Datasheet HTML 14Page - Texas Instruments TPS62301 Datasheet HTML 15Page - Texas Instruments TPS62301 Datasheet HTML 16Page - Texas Instruments TPS62301 Datasheet HTML 17Page - Texas Instruments TPS62301 Datasheet HTML 18Page - Texas Instruments TPS62301 Datasheet HTML 19Page - Texas Instruments TPS62301 Datasheet HTML 20Page - Texas Instruments TPS62301 Datasheet HTML 21Page - Texas Instruments TPS62301 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
www.ti.com
INDUCTOR SELECTION
DIL +
V
O
V
I
V
I *
V
O
L
ƒsw
DIL(MAX) + IO(MAX) )
DIL
2
(4)
OUTPUT CAPACITOR SELECTION
DVO +
V
O
V
I
V
I *
V
O
L
ƒsw
1
8
C
O
ƒsw )
ESR
, maximum for high V
I
(5)
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
Even though the inductor does not influence the operating frequency, the inductor value has a direct effect on the
ripple current. The selected inductor has to be rated for its dc resistance and saturation current. The inductor
ripple current (
∆I
L) decreases with higher inductance and increases with higher VI or VO.
with: fSW = switching frequency (3 MHz typical)
L = inductor value
∆I
L = peak-to-peak inductor ripple current
IL(MAX) = maximum inductor current
Normally, it is advisable to operate with a ripple of less than 30% of the average output current. Accepting larger
values of ripple current allows the use of low inductances, but results in higher output voltage ripple, greater core
losses, and lower output current capability.
The total losses of the coil consist of both the losses in the DC resistance (R(DC)) and the following
frequency-dependent components:
•
The losses in the core material (magnetic hysteresis loss, especially at high switching frequencies)
•
Additional losses in the conductor from the skin effect (current displacement at high frequencies)
•
Magnetic field losses of the neighboring windings (proximity effect)
•
Radiation losses
The following inductor series from different suppliers have been used with the TPS6230x, TPS6231x, and
TPS6232x converters.
Table 2. List of Inductors
MANUFACTURER
SERIES
DIMENSIONS
FDK
MIPW3226
3.2 x 2.6 x 1 = 8.32 mm3
LQ CB2016
2 x 1.6 x 1.6 = 5.12 mm3
Taiyo Yuden
LQ CB2012
2 x 1.2 x 1.2 = 2.88 mm3
LQ CBL2012
2 x 1.2 x 1 = 2.40 mm3
TDK
VLF3010AT
2.8 x 2.6 x 1 = 7.28 mm3
Wuerth Elektronik
WE-TPC XS
3.3 x 3.5 x 0.95 = 10.97 mm3
Coilcraft
LPO3010
3.3 x 3.3 x 1 = 10.89 mm3
The advanced fast-response voltage mode control scheme of the TPS6230x, TPS6231x, and TPS6232x allows
the use of tiny ceramic capacitors. Ceramic capacitors with low ESR values have the lowest output voltage ripple
and are recommended. The output capacitor requires either an X7R or X5R dielectric. Y5V and Z5U dielectric
capacitors, aside from their wide variation in capacitance over temperature, become resistive at high frequencies.
At nominal load current, the device operates in PWM mode and the overall output voltage ripple is the sum of the
voltage spike caused by the output capacitor ESR plus the voltage ripple caused by charging and discharging the
output capacitor:
At light loads, the device operates in power-save mode and the output voltage ripple is independent of the output
capacitor value. The output voltage ripple is set by the internal comparator thresholds and propagation delays.
The typical output voltage ripple is 1.5% of the nominal output voltage VO.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com