Electronic Components Datasheet Search
  English  ▼

X  

TPS62301 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62301
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62301 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62301 Datasheet HTML 5Page - Texas Instruments TPS62301 Datasheet HTML 6Page - Texas Instruments TPS62301 Datasheet HTML 7Page - Texas Instruments TPS62301 Datasheet HTML 8Page - Texas Instruments TPS62301 Datasheet HTML 9Page - Texas Instruments TPS62301 Datasheet HTML 10Page - Texas Instruments TPS62301 Datasheet HTML 11Page - Texas Instruments TPS62301 Datasheet HTML 12Page - Texas Instruments TPS62301 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.ti.com
t − Time − 2 ms/div
IO = 10 to 100 mA Load Step
IO = 10 to 400 mA Load Step
VI = 3.6 V,
VO = 1.6 V
MODE/SYNC = HIGH
L = 0.9 mH, CO = 10 mF
t − Time − 50 ms/div
IO = 10 to 100 mA Load Step
IO = 10 to 400 mA Load Step
VI = 3.6 V,
VO = 1.6 V
MODE/SYNC = HIGH
L = 0.9 mH, CO = 10 mF
t - Time - 2 ms/div
IO = 400 to 10 mA Load Step
IO = 100 to 10 mA Load Step
VI = 3.6 V,
VO = 1.6 V
MODE/SYNC = HIGH
L = 0.9 mH, CO = 10 mF
t − Time − 50 ms/div
PFM Operation
VI = 3.6 V,
VO = 1.6 V
L = 0.9 mH, CO = 10 mF
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
TYPICAL CHARACTERISTICS (continued)
LOAD TRANSIENT RESPONSE IN
LOAD TRANSIENT RESPONSE IN
PWM OPERATION
PWM OPERATION
Figure 9.
Figure 10.
LOAD TRANSIENT RESPONSE IN
LOAD TRANSIENT RESPONSE
PWM OPERATION
IN PFM MODE
Figure 11.
Figure 12.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com