Electronic Components Datasheet Search
  English  ▼

X  

TPS62301 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62301
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62301 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62301 Datasheet HTML 17Page - Texas Instruments TPS62301 Datasheet HTML 18Page - Texas Instruments TPS62301 Datasheet HTML 19Page - Texas Instruments TPS62301 Datasheet HTML 20Page - Texas Instruments TPS62301 Datasheet HTML 21Page - Texas Instruments TPS62301 Datasheet HTML 22Page - Texas Instruments TPS62301 Datasheet HTML 23Page - Texas Instruments TPS62301 Datasheet HTML 24Page - Texas Instruments TPS62301 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
www.ti.com
THERMAL INFORMATION
P
D(MAX)
+
T
J(MAX)
* T
A
R
q
JA
+ 125°C * 85°C
250
°C W
+ 160 mW
(6)
CHIP SCALE PACKAGE DIMENSIONS
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically requires
special attention to power dissipation. Many system-dependant issues such as thermal coupling, airflow, added
heat sinks, and convection surfaces, and the presence of other heat-generating components, affect the
power-dissipation limits of a given component
Three basic approaches for enhancing thermal performance are listed below:
•
Improving the power dissipation capability of the PCB design
•
Improving the thermal coupling of the component to the PCB
•
Introducing airflow in the system
The maximum recommended junction temperature (TJ) of the TPS6230x, TPS6231x, and TPS6232x devices is
125
°C. The thermal resistance of the 8-pin CSP package (YZD and YED) is Rθ
JA = 250°C/W. Specified regulator
operation is assured to a maximum ambient temperature TA of 85°C. Therefore, the maximum power dissipation
is about 160 mW. More power can be dissipated if the maximum ambient temperature of the application is lower
or if the PowerPAD™ package (DRC) is used.
The TPS6230x, TPS6231x, and TPS6232x are also available in an 8-bump chip scale package (YZD,
NanoFree™ and YED, NanoStar™). The package dimensions are given as:
•
D = 1.970
±0.05 mm
•
E = 0.970
±0.05 mm
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com