Electronic Components Datasheet Search
  English  ▼

X  

MIC4690 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC4690
Description  500kHz 1A SuperSwitcher Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4690 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC4690 Datasheet HTML 4Page - Micrel Semiconductor MIC4690 Datasheet HTML 5Page - Micrel Semiconductor MIC4690 Datasheet HTML 6Page - Micrel Semiconductor MIC4690 Datasheet HTML 7Page - Micrel Semiconductor MIC4690 Datasheet HTML 8Page - Micrel Semiconductor MIC4690 Datasheet HTML 9Page - Micrel Semiconductor MIC4690 Datasheet HTML 10Page - Micrel Semiconductor MIC4690 Datasheet HTML 11Page - Micrel Semiconductor MIC4690 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC4690
Micrel
MIC4690
8
June 2001
Applications Information
Adjustable Regulators
Adjustable regulators require a 1.23V feedback signal. Rec-
ommended voltage-divider resistor values for common out-
put voltages are included in Figure 1b.
For other voltages, the resistor values can be determined
using the following formulas:
VV
R1
R2
1
R1 R2
V
V
1
V
1.23V
OUT
REF
OUT
REF
REF
=+


=−


=
SW
L1
VIN
FB
GND
SHDN
C2
220µF
10V
R1
3.01k
R2
1.27k
D1
2A
40V
5.0V/1A
MIC4690BM
C1
22µF
35V
+6.8V to +30V
SHUTDOWN
ENABLE
5Ð8
4
3
2
1
Power
SOP-8
18µH
Figure 1a. Adjustable Regulator Circuit
Bill of Material Matrix
V
OUT
R1(1)
R2(1)
V
IN
C
IN
D1
L1
C
OUT
I
OUT
5.0V
3.01k
976
Ω
6.8V-30V
22
µF, 35V
2A, 40V
18
µH
220
µF, 10V
see SOA
Vishay-Dale
Schotty
Sumida
Vishay-Dale
595D226X0035D2T
SS24
CDRH6D38-180ML
594D227X0010D2T
Micro Commercial
5.0V
3.01k
976
Ω
6.8V-14V
47
µF, 20V
2A, 20V
18
µH
100
µF, 6.3V
1.0A
Vishay-Dale
Schotty
Sumida
Vishay-Dale
595D476X0020C2T
SS22
CDRH6D38-180ML
595D107X06R3C2T
Micro Commercial
3.3V
3.01k
1.78k
4.9V-14V
47
µF, 20V
2A, 20V
15
µH
120
µF, 4.0V
1.0A
Vishay-Dale
Schotty
Sumida
Vishay-Dale
595D476X0020C2T
SS22
CDRH6D38-150ML
595D127X0004C2T
Micro Commercial
2.5V
3.01k
2.94k
4.25V-14V 47
µF, 20V
2A, 20V
10
µH
120
µF, 4.0V
1.0A
Vishay-Dale
Schotty
Sumida
Vishay-Dale
595D476X0020C2T
SS22
CDRH6D38-100ML
595D127X0004C2T
Micro Commercial
1.8V
3.01k
6.49k
4.0V-14V
47
µF, 20V
2A, 20V
10
µH
120
µF, 4.0V
1.0A
Vishay-Dale
Schotty
Sumida
Vishay-Dale
595D476X0020C2T
SS22
CDRH6D38-100ML
595D127X0004C2T
Micro Commercial
Note 1.
All resistors 1%
Figure 1b. Recommended Components for Common Ouput Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com