Electronic Components Datasheet Search
  English  ▼

X  

MIC4690 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC4690
Description  500kHz 1A SuperSwitcher Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4690 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC4690 Datasheet HTML 4Page - Micrel Semiconductor MIC4690 Datasheet HTML 5Page - Micrel Semiconductor MIC4690 Datasheet HTML 6Page - Micrel Semiconductor MIC4690 Datasheet HTML 7Page - Micrel Semiconductor MIC4690 Datasheet HTML 8Page - Micrel Semiconductor MIC4690 Datasheet HTML 9Page - Micrel Semiconductor MIC4690 Datasheet HTML 10Page - Micrel Semiconductor MIC4690 Datasheet HTML 11Page - Micrel Semiconductor MIC4690 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC4690
Micrel
MIC4690
10
June 2001
SW
L1
VIN
FB
GND
SHDN
COUT R1
R2
D1
VOUT
MIC4690BM
GND
CIN
VIN
+4V to +30V
(34V transients)
Power
SOP-8
5678
4
3
2
1
Figure 5. Critical Traces for Layout
SW
L1
18µH
IN
FB
GND
SHDN
D1
2A
40V
J2
VOUT
1A
J4
GND
U1 MIC4690BM
C2
0.1µF
50V
C1
22µF
35V
J1
VIN
4V to +30V
(34V transients)
J3
GND
SOP-8
5Ð8
4
3
2
1
JP1
ON
OFF
C4
220µF
10V
C3* 1800pF / 50V
optional
C5
0.1µF
50V
R1
3.01k
R2
6.49k
JP2a
1.8V
R6
optional
R3
2.94k
R4
1.78k
R5
976½
JP2b
2.5V
JP2c
3.3V
JP2d
5.0V
1
2
3
4
5
6
7
8
* C3 can be used to provide additional stability
and improved transient response.
Figure 6a. Evaluation Board Schematic Diagram
To minimize stray inductance and ground loops, keep trace
lengths, indicated by the heavy lines in Figure 5, as short as
possible. For example, keep D1 close to pin 3 and pins 5
through 8, keep L1 away from sensitive node FB, and keep
C
IN close to pin 2 and pins 5 though 8. See “Applications
Information: Thermal Considerations” for ground plane lay-
out.
The feedback pin should be kept as far way from the switching
elements (usually L1 and D1) as possible.
A circuit with sample layouts are provided. See Figures 6a
though 6e. Gerber files are available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com