Electronic Components Datasheet Search
  English  ▼

X  

MIC4690 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC4690
Description  500kHz 1A SuperSwitcher Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4690 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC4690 Datasheet HTML 4Page - Micrel Semiconductor MIC4690 Datasheet HTML 5Page - Micrel Semiconductor MIC4690 Datasheet HTML 6Page - Micrel Semiconductor MIC4690 Datasheet HTML 7Page - Micrel Semiconductor MIC4690 Datasheet HTML 8Page - Micrel Semiconductor MIC4690 Datasheet HTML 9Page - Micrel Semiconductor MIC4690 Datasheet HTML 10Page - Micrel Semiconductor MIC4690 Datasheet HTML 11Page - Micrel Semiconductor MIC4690 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
June 2001
9
MIC4690
MIC4690
Micrel
When designing with the MIC4690, it is a good practice to
connect pins 5 through 8 to the largest ground plane that is
practical for the specific design.
Checking the Maximum Junction Temperature:
For this example, with an output power (P
OUT) of 5W, (5V
output at 1A maximum with V
IN = 12V) and 50°C maximum
ambient temperature, what is the maximum junction tem-
perature?
Referring to the “Typical Characteristics: 5V Output Effi-
ciency” graph, read the efficiency (
η) for 1A output current at
V
IN = 12V or perform you own measurement.
η = 75%
The efficiency is used to determine how much of the output
power (P
OUT) is dissipated in the regulator circuit (PD).
P=
P
P
D
OUT
OUT
η
−
P=
5W
0.75
5W
D
−
P
D = 1.67W
A worst-case rule of thumb is to assume that 80% of the total
output power dissipation is in the MIC4690 (P
D(IC)) and 20%
is in the diode-inductor-capacitor circuit.
P
D(IC) = 0.8 PD
P
D(IC) = 0.8 × 1.67W
P
D(IC) = 1.336W
Calculate the worst-case junction temperature:
T
J = PD(IC) θJC + (TC – TA) + TA(max)
where:
T
J = MIC4690 junction temperature
P
D(IC) = MIC4690 power dissipation
θ
JC = junction-to-case thermal resistance.
The
θ
JC for the MIC4690’s power-SOP-8 is approximately
20
°C/W.
T
C = “pin” temperature measurement taken at the
entry point of pins 6 or 7
T
A = ambient temperature
T
A(max) = maximum ambient operating temperature
for the specific design.
Calculating the maximum junction temperature given a
maximum ambient temperature of 50
°C:
T
J = 1.336W × 20°C/W + (63°C – 25°C) + 50°C
T
J = 114.72°C
This value is within the allowable maximum operating junc-
tion temperature of 125
°C as listed in “Operating Ratings.”
Typical thermal shutdown is 160
°C and is listed in “Electrical
Characteristics.”
Layout Considerations
Layout is very important when designing any switching regu-
lator. Rapidly changing currents through the printed circuit
board traces and stray inductance can generate voltage
transients which can cause problems.
θ
JA
θ
JC
θ
CA
AMBIENT
printed circuit board
ground plane
heat sink area
SOP-8
Figure 2. Power SOP-8 Cross Section
Thermal Considerations
The MIC4690 SuperSwitcher™ features the power-SOP-8.
This package has a standard 8-lead small-outline package
profile, but with much higher power dissipation than a stan-
dard SOP-8. Micrel's MIC4690 SuperSwitcher™ family are
the first dc-to-dc converters to take full advantage of this
package.
The reason that the power SOP-8 has higher power dissipa-
tion (lower thermal resistance) is that pins 5 through 8 and the
die-attach paddle are a single piece of metal. The die is
attached to the paddle with thermally conductive adhesive.
This provides a low thermal resistance path from the junction
of the die to the ground pins. This design significantly im-
proves package power dissipation by allowing excellent heat
transfer through the ground leads to the printed circuit board.
One limitation of the maximum output current on any MIC4690
design is the junction-to-ambient thermal resistance (
θ
JA) of
the design (package and ground plane).
Examining
θ
JA in more detail:
θ
JA = (θJC + θCA)
where:
θ
JC = junction-to-case thermal resistance
θ
CA = case-to-ambient thermal resistance
θ
JC is a relatively constant 20°C/W for a power SOP-8.
θ
CA is dependent on layout and is primarily governed by the
connection of pins 5 though 8 to the ground plane. The
purpose of the ground plane is to function as a heat sink.
θ
JA is ideally 63°C/W, but will vary depending on the size of
the ground plane to which the power SOP-8 is attached.
Determining Ground-Plane Heat-Sink Area
There are two methods of determining the minimum ground
plane area required by the MIC4690.
Quick Method
Make sure that MIC4690 pins 5 though 8 are connected to a
ground plane with a minimum area of 6cm2. This ground
plane should be as close to the MIC4690 as possible. The
area may be distributed in any shape around the package or
on any pcb layer
as long as there is good thermal contact to
pins 5 though 8. This ground plane area is more than
sufficient for most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com