Electronic Components Datasheet Search
  English  ▼

X  

MIC4690 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4690
Description  500kHz 1A SuperSwitcher Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4690 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4690 Datasheet HTML 1Page - Micrel Semiconductor MIC4690 Datasheet HTML 2Page - Micrel Semiconductor MIC4690 Datasheet HTML 3Page - Micrel Semiconductor MIC4690 Datasheet HTML 4Page - Micrel Semiconductor MIC4690 Datasheet HTML 5Page - Micrel Semiconductor MIC4690 Datasheet HTML 6Page - Micrel Semiconductor MIC4690 Datasheet HTML 7Page - Micrel Semiconductor MIC4690 Datasheet HTML 8Page - Micrel Semiconductor MIC4690 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
June 2001
3
MIC4690
MIC4690
Micrel
Electrical Characteristics
V
IN = 12V, VOUT = 5V; ILOAD = 500mA; VSHDN = 0V, TJ = 25°C, unless otherwise noted. Bold values indicate –40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min
Typ
Max
Units
Feedback Voltage
(
±1%)
1.217
1.230
1.243
V
(
±2%)
1.205
1.255
V
8V
≤ V
IN ≤ 30V, 0.1A ≤ ILOAD ≤ 1A, VOUT = 5V
1.193
1.230
1.267
V
1.180
1.280
V
Maximum Duty Cycle
V
FB = 1.0V
90
93
%
Quiescent Current
V
FB = 1.5V
7
12
mA
Standby Quiescent Current
V
SHDN = 5V (regulator off)
30
100
µA
V
SHDN = 12V (regulator off)
1.5
µA
Frequency Foldback
V
FB = 0V
220
300
KHz
Oscillator Frequency
450
500
550
kHz
Saturation Voltage
I
OUT = 1A
1.2
V
Output Leakage Current
V
IN = 30V, VSHDN = 5V, VSW = 0V
50
500
µA
V
IN = 30V, VSHDN = 5V, VSW = –1V
4
20
mA
Short Circuit Current Limit
V
FB = 0V, VOUT = 0V, See Test Circuit
1.3
2.5
3.0
A
Shutdown Pin Input Logic Level
regulator off
2
1.5
V
regulator on
1.25
0.8
V
Shutdown Pin Input Current
V
SHDN = 5V (regulator off)
–10
–0.7
10
µA
V
SHDN = 0V (regulator on)
–10
–1.5
10
µA
Thermal Shutdown @ T
J
160
°C
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
With input voltages above the operating rating, the device may be damaged if a short-circuit is applied to the output. The device will otherwise
not be damaged up to its absolute maximum voltage rating.
Note 3.
Absolute maximum rating is intended for voltage transients only, prolonged dc operation is not recommended.
Note 4.
Devices are ESD sensitive. Handling precautions recommended.
Note 5.
Measured on 1" square of 1 oz. copper FR4 printed circuit board connected to the device ground leads.
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN), Note 3 ...................................... +34V
Shutdown Voltage (V
SHDN) ............................. –0.3V to VIN
Steady-State Output Switch Voltage (V
SW) ....... –1V to VIN
Feedback Voltage (V
FB) .............................................. +12V
Storage Temperature (T
S) ....................... –65°C to +150°C
ESD Rating .............................................................. Note 4
Operating Ratings (Note 2)
Supply Voltage (V
IN) ....................................... +4V to +30V
Junction Temperature Range (T
J) ........... –40°C to +125°C
Package Thermal Resistance
(θ
JA), Note 5 ........................................................ 63°C/W
(θ
JC), ................................................................... 20°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com