Electronic Components Datasheet Search
  English  ▼

X  

AD7490BCP Datasheet(PDF) 10 Page - Analog Devices

Part # AD7490BCP
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490BCP Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7490BCP Datasheet HTML 6Page - Analog Devices AD7490BCP Datasheet HTML 7Page - Analog Devices AD7490BCP Datasheet HTML 8Page - Analog Devices AD7490BCP Datasheet HTML 9Page - Analog Devices AD7490BCP Datasheet HTML 10Page - Analog Devices AD7490BCP Datasheet HTML 11Page - Analog Devices AD7490BCP Datasheet HTML 12Page - Analog Devices AD7490BCP Datasheet HTML 13Page - Analog Devices AD7490BCP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
–10–
AD7490
REV. A
Table II. Channel Selection
Analog Input
ADD3
ADD2
ADD1
ADD0
Channel
0000VIN0
0001VIN1
0010VIN2
0011VIN3
0100VIN4
0101VIN5
0110VIN6
0111VIN7
1000VIN8
1001VIN9
1010VIN10
1011VIN11
1100VIN12
1101VIN13
1110VIN14
1111VIN15
Table III. Power Mode Selection
PM1
PM0
Mode
11
Normal Operation
In this mode, the AD7490 remains in full
power mode regardless of the status of any of
the logic inputs. This mode allows the fastest
possible throughput rate from the AD7490.
10
Full Shutdown
In this mode, the AD7490 is in full shut-down
mode, with all circuitry on the AD7490 powering
down. The AD7490 retains the information
in the Control Register while in full shutdown.
The part remains in full shutdown until these
bits are changed in the Control Register.
01
Auto Shutdown
In this mode, the AD7490 automatically enters
shutdown mode at the end of each conversion
when the Control Register is updated. Wake-up
time from shutdown is 1
µs and the user should
ensure that 1
µs has elapsed before attempting
to perform a valid conversion on the part in
this mode.
00
Auto Standby
In this standby mode, portions of the AD7490
are powered down, but the on-chip bias gen-
erator remains powered-up. This mode is
similar to Auto Shutdown and allows the part
to power-up within one dummy cycle, i.e.,
1
µs with a 20 MHz SCLK.
For more information, see the Modes of Operation section.
SEQUENCER OPERATION
The configuration of the SEQ and Shadow Bits in the Control
Register allows the user to select a particular mode of operation
of the sequencer function. Table IV outlines the four modes of
operation of the Sequencer.
Table IV. Sequence Selection
SEQ
SHADOW
Sequence Type
00
This configuration means the sequence
function is not used. The analog input
channel selected for each individual
conversion is determined by the contents
of the channel address bits ADD0
through ADD3 in each prior write
operation. This mode of operation reflects
the normal operation of a multichannel
ADC, without sequencer function being
used, where each write to the AD7490
selects the next channel for conversion.
(See Figure 2.)
01
This configuration selects the Shadow
Register for programming. After the write
to the Control Register, the following
write operation will load the contents
of the Shadow Register. This will program
the sequence of channels to be converted
on continuously with each successive
valid
CS falling edge. (See Shadow Regis-
ter, Table V, and Figure 3.) The channels
selected need not be consecutive.
10
If the SEQ and SHADOW Bits are set
in this way, then the sequence function
will not be interrupted upon completion
of the WRITE operation. This allows
other bits in the Control Register to be
altered while in a sequence without
terminating the cycle.
11
This configuration is used in conjunction
with the channel address bits ADD3 to
ADD0 to program continuous conver-
sions on a consecutive sequence of
channels from Channel 0 through to a
selected final channel as determined by
the channel address bits in the Control
Register. (See Figure 4.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com