Electronic Components Datasheet Search
  English  ▼

X  

MCP1501 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1501 Datasheet HTML 1Page - Microchip Technology MCP1501 Datasheet HTML 2Page - Microchip Technology MCP1501 Datasheet HTML 3Page - Microchip Technology MCP1501 Datasheet HTML 4Page - Microchip Technology MCP1501 Datasheet HTML 5Page - Microchip Technology MCP1501 Datasheet HTML 6Page - Microchip Technology MCP1501 Datasheet HTML 7Page - Microchip Technology MCP1501 Datasheet HTML 8Page - Microchip Technology MCP1501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MCP1501
DS20005474C-page 4
 2015-2016 Microchip Technology Inc.
Shutdown
VIL
1.35
VIN =5.5V
VIH
3.80
Output Voltage
Hysteresis
∆VOUT_HYST
300 µV
Refer to Section 1.1.10
“Output Voltage Hysteresis”
for additional details on
testing conditions.
Output Noise
MCP1501-10
eN
—0.1
—
µVP-P
0.1 Hz to 10 Hz, TA =+25C
—
5
—
10 Hz to 10 kHz, TA =+25C
MCP1501-20
eN
—0.1
—
µVP-P
0.1 Hz to 10 Hz, TA =+25C
—
10
—
10 Hz to 10 kHz, TA =+25C
MCP1501-40
eN
—0.1
—
µVP-P
0.1 Hz to 10 Hz, TA =+25C
—
20
—
10 Hz to 10 kHz, TA =+25C
Maximum
Load Current
ILOAD
—±20
—
mA
TA =+25°C
2.048V option
Supply
Current
IDD
—
140
550
µA
No Load
—
—
350
No Load, TA = +25°C
Shutdown
Current
MCP1501-10
ISHDN
205
nA
TA =+25°C
MCP1501-20
185
MCP1501-40
185
TABLE 1-1:
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD(MIN) VDD  5.5V at -40C  TA  +125C.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
TABLE 1-2:
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD, DVDD = 2.7 to 3.6V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistance
Thermal Resistance for SOT-23-6
JA
—
+190.5
—
°C/W
Thermal Resistance for SOIC-8
JA
—
+149.5
—
°C/W
Thermal Resistance for DFN-8
JA
—
+141.3
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com