Electronic Components Datasheet Search
  English  ▼

X  

MCP1501 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 13Page - Microchip Technology MCP1501 Datasheet HTML 14Page - Microchip Technology MCP1501 Datasheet HTML 15Page - Microchip Technology MCP1501 Datasheet HTML 16Page - Microchip Technology MCP1501 Datasheet HTML 17Page - Microchip Technology MCP1501 Datasheet HTML 18Page - Microchip Technology MCP1501 Datasheet HTML 19Page - Microchip Technology MCP1501 Datasheet HTML 20Page - Microchip Technology MCP1501 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
 2015-2016 Microchip Technology Inc.
DS20005474C-page 17
MCP1501
4.0
THEORY OF OPERATION
The MCP1501 is a buffered voltage reference that is
capable of operating over a wide input supply range
while providing a stable output across the input supply
range. The fundamental building block (see Block Dia-
gram) of the MCP1501 is an internal bandgap refer-
ence circuit. As with all bandgap circuits, the internal
reference sums together two voltages having an oppo-
site temperature coefficient which allows a voltage ref-
erence
that
is
practically
independent
from
temperature.
The bandgap of the MCP1501 is based on a second
order temperature coefficient (TC) compensated band-
gap circuit that allows the MCP1501 to achieve high ini-
tial accuracy and low temperature coefficient operation
across supply and ambient temperature. The bandgap
curvature compensation is determined during device
characterization and is trimmed for optimal accuracy.
The MCP1501 also includes a chopper-based amplifier
architecture that ensures excellent low-noise opera-
tion, further reduces temperature dependent offsets
that would otherwise increase the temperature coeffi-
cient of the MCP1501, and significantly improves
long-term drift performance. Additional circuitry is
included to eliminate the chopping frequency from the
output of the device.
After the bandgap voltage is compensated, it is ampli-
fied, buffered, and provided to the output drive circuit
which has excellent performance when sinking or
sourcing load currents (±5 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com