Electronic Components Datasheet Search
  English  ▼

X  

MCP1501 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 6Page - Microchip Technology MCP1501 Datasheet HTML 7Page - Microchip Technology MCP1501 Datasheet HTML 8Page - Microchip Technology MCP1501 Datasheet HTML 9Page - Microchip Technology MCP1501 Datasheet HTML 10Page - Microchip Technology MCP1501 Datasheet HTML 11Page - Microchip Technology MCP1501 Datasheet HTML 12Page - Microchip Technology MCP1501 Datasheet HTML 13Page - Microchip Technology MCP1501 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
MCP1501
DS20005474C-page 10
 2015-2016 Microchip Technology Inc.
FIGURE 2-7:
IDD vs. Temperature for
VOUT, 50 Units, No Load, 4.096V Option.
FIGURE 2-8:
IDD vs. Temperature for
VOUT, 50 Units, No Load, 1.024V Option.
FIGURE 2-9:
IDD vs. VDD, VOUT = 4.096V,
50 Units, No Load.
FIGURE 2-10:
IDD vs. VDD, VOUT = 1.024V,
50 Units, No Load.
FIGURE 2-11:
Line Regulation vs.
Temperature.
FIGURE 2-12:
Noise vs. Frequency, No
Load, TA = +25°C.
0
50
100
150
200
250
300
350
400
450
-40
5
25
85
125
Temperature (
°C)
Average
+3 Sigma
-3 Sigma
0
50
100
150
200
250
300
-40
5
25
85
125
Temperature (
°C)
Average
+3 Sigma
-3 Sigma
0
50
100
150
200
250
300
350
4.3
4.45
4.6
4.75
4.9
5.05
5.2
5.5
V
DD (V)
Average
+3 Sigma
-3 Sigma
100
120
140
160
180
200
220
240
260
V
DD (V)
Average
-3 Sigma
+3 Sigma
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (
°C)
V
= 1.8V
V
= 3.0V
V
= 1.024V
V
= 2.048V
V
= 3.3V
V
= 1.25V
V
= 2.5V
V
= 4.096V
0.1
1
10
100
1000
10000
0.01
1
100
10000
1000000
Frequency
V
= 1.024V, V
= 1.65V
V
= 1.024V, V
= 5.5V
V
= 4.096V, V
= 4.3V
V
= 4.096V,
V
= 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com