Electronic Components Datasheet Search
  English  ▼

X  

MCP1501 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 8Page - Microchip Technology MCP1501 Datasheet HTML 9Page - Microchip Technology MCP1501 Datasheet HTML 10Page - Microchip Technology MCP1501 Datasheet HTML 11Page - Microchip Technology MCP1501 Datasheet HTML 12Page - Microchip Technology MCP1501 Datasheet HTML 13Page - Microchip Technology MCP1501 Datasheet HTML 14Page - Microchip Technology MCP1501 Datasheet HTML 15Page - Microchip Technology MCP1501 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
MCP1501
DS20005474C-page 12
 2015-2016 Microchip Technology Inc.
FIGURE 2-19:
VOUT vs. Load, TA = +25°C,
2.048V Option.
FIGURE 2-20:
VOUT at VDDMIN,
VDD = 2.7V, 800 Units, 2.5V Option, No Load.
FIGURE 2-21:
VOUT Distribution at
VDDMAX, VDD = 5.5V, 800 Units, 2.5V Option, No
Load.
FIGURE 2-22:
Noise vs. Time, VDD = 5.5V,
TA = +25°C, 2.048V Option, No Load, 2 µV/div,
100 ms/div.
FIGURE 2-23:
Turn On Transient,
VDD = 5/5V, VIN = 2.048V Option, No Load.
FIGURE 2-24:
Line Transient, VDD = 5.5V,
VIN = 500 mVPP @ 5VDC, 2.048V Option, No
Load.
2.0475
2.0476
2.0477
2.0478
2.0479
2.048
2.0481
2.0482
2.0483
2.0484
2.0485
-30
-20
-10
0
10
20
30
Load (mA)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
V
OUT
QC +25°C
QC -40°C
QC +125°C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
V
OUT
QC +25°C
QC -40°C
QC +125°C
Conditions:
V
OUT
2V/div
500 µs/div
V
IN
2V/div
500 µs/div
Conditions:
V
IN
1V/div
5 ms/div
V
OUT
10 mV
5 ms/div
/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com