Electronic Components Datasheet Search
  English  ▼

X  

DS1050 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1050
Description  5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1050 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1050 Datasheet HTML 3Page - Dallas Semiconductor DS1050 Datasheet HTML 4Page - Dallas Semiconductor DS1050 Datasheet HTML 5Page - Dallas Semiconductor DS1050 Datasheet HTML 6Page - Dallas Semiconductor DS1050 Datasheet HTML 7Page - Dallas Semiconductor DS1050 Datasheet HTML 8Page - Dallas Semiconductor DS1050 Datasheet HTML 9Page - Dallas Semiconductor DS1050 Datasheet HTML 10Page - Dallas Semiconductor DS1050 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DS1050
7 of 17
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +6.0V
Operating Temperature
-40oC to +85oC
Storage Temperature
-55oC to +125oC
Soldering Temperature
See J-STD-020A specification
* This is a stress rating only and functional operation of the device at these or any other conditions above
those conditions indicated in the operation section of the specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C; VCC = 2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply voltage
VCC
+2.7
+5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; VCC = 2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
Active Supply
Current
ICC
50
85
mA
2
Input Leakage
ILI
+1
mA
Input Logic 1
VIH
0.7 VCC
VCC+0.3
V
3, 4
Input Logic 0
VIL
GND-0.3
0.3 VCC
V
3, 4
Input Current Each
I/O Pin
0.4
<VI/O<0.9
VCC
-10
10
mA
Standby Current
ISTBY
0.1
1
mA
5
LOW Level Ouput
Voltage (SDA)
VOL1
VOL2
3mA Sink
Current
6mA Sink
Current
0.0
0.0
0.4
0.6
V
V
I/O Capacitance
CI/O
10
pF
PWM Output
Currents
IOH
IOL
VCC - 0.4
0.4
2
3
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com