Electronic Components Datasheet Search
  English  ▼

X  

DS1050 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1050
Description  5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1050 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1050 Datasheet HTML 4Page - Dallas Semiconductor DS1050 Datasheet HTML 5Page - Dallas Semiconductor DS1050 Datasheet HTML 6Page - Dallas Semiconductor DS1050 Datasheet HTML 7Page - Dallas Semiconductor DS1050 Datasheet HTML 8Page - Dallas Semiconductor DS1050 Datasheet HTML 9Page - Dallas Semiconductor DS1050 Datasheet HTML 10Page - Dallas Semiconductor DS1050 Datasheet HTML 11Page - Dallas Semiconductor DS1050 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
DS1050
8 of 17
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; VCC = 2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
SCL Clock
Frequency
fSCL
Fast Mode
Standard Mode
0
0
400
100
kHz
6
Bus Free Time
Between STOP and
START Condition
tBUF
Fast Mode
Standard Mode
1.3
4.7
ms
6
Hold Time
(Repeated) START
Condition
tHD:STA
Fast Mode
Standard Mode
0.6
4.0
ms
7, 6
Low Period of SCL
Clock
tLOW
Fast Mode
Standard Mode
1.3
4.7
ms
6
High Period of SCL
Clock
tHIGH
Fast Mode
Standard Mode
0.6
4.0
ms
6
Data Hold Time
tHD:DAT
Fast Mode
Standard Mode
0
0
0.9
ms
6, 8, 9
Data Set-Up Time
tSU:DAT
Fast Mode
Standard Mode
100
250
ns
6
Rise Time of Both
SDA and SCL
Signals
tR
Fast Mode
Standard Mode
20+0.1CB
300
1000
ns
10
Fall Time of Both
SDA and SCL
Signals
tF
Fast Mode
Standard Mode
20+0.1CB
300
300
ns
10
Set-Up Time for
STOP Condition
tSU:STO
Fast Mode
Standard Mode
0.6
4.0
ms
Capacitive Load for
Each Bus Line
CB
Fast Mode
Standard Mode
400
pF
10
PWM Output
Change
tPWMo
Fast Mode
Standard Mode
2
periods
11
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; VCC = 2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
Output Frequency
Tolerance
-20
+20
%
12
Output Impedance
200
W
Absolute Linearity
-0.5
+0.5
LSB
14
Relative Linearity
-0.25
+0.25
LSB
15
Resolution
5
Bits
13
Frequency
Temperature
Coefficient
±200
ppm/ºC
Frequency Voltage
Coefficient
1.5
% per
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com