Electronic Components Datasheet Search
  English  ▼

X  

DS1050 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1050
Description  5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1050 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1050 Datasheet HTML 5Page - Dallas Semiconductor DS1050 Datasheet HTML 6Page - Dallas Semiconductor DS1050 Datasheet HTML 7Page - Dallas Semiconductor DS1050 Datasheet HTML 8Page - Dallas Semiconductor DS1050 Datasheet HTML 9Page - Dallas Semiconductor DS1050 Datasheet HTML 10Page - Dallas Semiconductor DS1050 Datasheet HTML 11Page - Dallas Semiconductor DS1050 Datasheet HTML 12Page - Dallas Semiconductor DS1050 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DS1050
9 of 17
NOTES:
1.
All voltages are referenced to ground.
2.
ICC specified with outputs open.
3.
I/O pins of fast mode devices must not obstruct the SDA and SCL lines if VCC is switched off.
4.
Address Inputs, A0, A1, and A2, should be tied to either VCC or GND depending on the desired
address selections.
5.
ISTBY specified for VCC between 3.0V and 5.0V, control port logic pins are driven to the appropriate
logic levels.
6.
A fast mode device can be used in a standard mode system, but the requirement
tSU:DAT > 250ns must then be met. This will automatically be the case if the device does not stretch
the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal,
it must output the next data bit to the SDA line tRMAX + tSU:DAT = 1000 + 250=1250ns before the SCL
line is released.
7.
After this period, the first clock pulse is generated.
8.
The maximum tSU:DAT has only to be met if the device does not stretch the LOW period (tLOW) of the
SCL signal.
9.
A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the
VIH MIN of the SCL signal) in order to bridge the undefined region of the falling edge of SCL.
10. CB – total capacitance of one bus line in picofarads, timing referenced to (0.9)(VCC) and (0.1)(VCC).
11. A PWM output duty cycle change will occur with 2 periods of the output frequency when a change is
initiated.
12. The absolute frequency output of the PWM can be expected to fall within a
±20% range from the
nominal specified value of the device.
13. The DS1050 is a 5-bit PWM. The output duty cycles of the device range from 0% to 100% in step
sizes of 3.125%. The “Set PWM Duty Cycle 100%” allows the PWM output to be set to full-on.
14. Absolute Linearity is used to compare measured duty cycle against expected duty cycle as
determined by the DAC setting. The DS1050 is specified to provide an absolute linearity of
±0.5
LSB.
15. Relative Linearity is used to determine the change in duty cycle between adjacent or successive duty
cycle settings. The DS1050 is specified to provide a relative linearity specification of
±0.25 LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com