Electronic Components Datasheet Search
  English  ▼

X  

DS1050 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS1050
Description  5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1050 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS1050 Datasheet HTML 9Page - Dallas Semiconductor DS1050 Datasheet HTML 10Page - Dallas Semiconductor DS1050 Datasheet HTML 11Page - Dallas Semiconductor DS1050 Datasheet HTML 12Page - Dallas Semiconductor DS1050 Datasheet HTML 13Page - Dallas Semiconductor DS1050 Datasheet HTML 14Page - Dallas Semiconductor DS1050 Datasheet HTML 15Page - Dallas Semiconductor DS1050 Datasheet HTML 16Page - Dallas Semiconductor DS1050 Datasheet HTML 17Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
DS1050
14 of 17
TYPICAL OPERATING CHARACTERISTICS DS1050-001
(VCC = 5.0V, T = +25ºC, unless otherwise specified)
DS1050-001 FREQ U EN CY vs. TEM PER ATU RE
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
1.025
1.030
-40
-20
0
2040
6080
TEM PER ATU RE (C )
D S1050-001 Freq vs Tem p, 3.3V
D S1050-001 Freq vs Tem p, 5V
DS1050-001 SUPPLY CURRENT vs. TEMPERATURE
10
15
20
25
30
35
40
-40
-20
0
2040
6080
TEMPERATURE (C)
DS1050-001 Supply Current vs Temp,
3.3V
DS1050-001 Supply Current vs Temp 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com