Electronic Components Datasheet Search
  English  ▼

X  

LM4855 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4855
Description  Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4855 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4855 Datasheet HTML 1Page - National Semiconductor (TI) LM4855 Datasheet HTML 2Page - National Semiconductor (TI) LM4855 Datasheet HTML 3Page - National Semiconductor (TI) LM4855 Datasheet HTML 4Page - National Semiconductor (TI) LM4855 Datasheet HTML 5Page - National Semiconductor (TI) LM4855 Datasheet HTML 6Page - National Semiconductor (TI) LM4855 Datasheet HTML 7Page - National Semiconductor (TI) LM4855 Datasheet HTML 8Page - National Semiconductor (TI) LM4855 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electrical Characteristics (Notes 3, 8) (Continued)
The following specifications apply for V
DD= 5.0V, TA= 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4855
Units
(Limits)
Typical
(Note 5)
Limits
(Note 6)
PSRR
Power Supply Rejection Ratio
SPKR
OUT
V
RIPPLE = 200mVPP; f = 217Hz, CB =
1.0µF
All audio inputs terminated into 50
Ω;
Output referred Gain (BTL) = 12dB
Output Mode 1, 3, 5, 7
57
54
dB (min)
Power Supply Rejection Ratio
R
OUTand LOUT
V
RIPPLE = 200mVPP; f = 217Hz, CB =
1.0µF
All audio inputs terminated into 50
Ω;
Output referred Maximum gain setting
Output Mode 2, 3
62
59
dB (min)
Output Mode 4, 5
57
54
dB (min)
Output Mode 6, 7
54
51
dB (min)
V
IH
Logic High Input Voltage
1.4
V
DD
V (min)
V (max)
V
IL
Logic Low Input Voltage
0.4
GND
V (max)
V (min)
Digital Volume Range (R
IN and
L
IN)
Input referred minimum gain
-34.5
-35.1
-33.9
dB (min)
dB (max)
Input referred maximum gain
12.0
11.4
12.6
dB (min)
dB (max)
Digital Volume Stepsize
1.5
dB
Digital Volume Stepsize Error
±0.1
±0.6
dB ( max)
Phone_In_IHF Volume
BTL gain from Phone_In _IHF to
SPKR
OUT
12
11.4
12.6
dB (min)
dB (max)
Phone _In_IHF Mute Attenuation
Output Mode 2, 4, 6
80
72
dB (min)
Phone_In_IHF Input Impedance
20
15
25
k
Ω (min)
k
Ω (max)
Phone_In_HS Input Impedance
Maximum gain setting
50
37.5
62.5
k
Ω (min)
k
Ω (max)
Mininum gain setting
100
75
125
k
Ω (min)
k
Ω (max)
R
IN and LIN Input Impedance
Maximum gain setting
33.5
25
42
k
Ω (min)
k
Ω (max)
Mininum gain setting
100
75
125
k
Ω (min)
k
Ω (max)
t
SD
Thermal Shutdown Temperature
170
150
˚C (min)
t
ES
Enable Setup Time (ENB)
20
ns (min)
t
EH
Enable Hold Time (ENB)
20
ns (min)
t
EL
Enable Low Time (ENB)
30
ns (min)
t
DS
Data Setup Time (DATA)
20
ns (min)
t
DH
Data Hold Time (DATA)
20
ns (min)
t
CS
Clock Setup Time (CLK)
20
ns (min)
t
CH
Clock Logic High Time (CLK)
50
ns (min)
t
CL
Clock Logic Low Time (CLK)
50
ns (min)
f
CLK
Clock Frequency
DC
10
(min)
MHz (max)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com