Electronic Components Datasheet Search
  English  ▼

X  

LM4855 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4855
Description  Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4855 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4855 Datasheet HTML 1Page - National Semiconductor (TI) LM4855 Datasheet HTML 2Page - National Semiconductor (TI) LM4855 Datasheet HTML 3Page - National Semiconductor (TI) LM4855 Datasheet HTML 4Page - National Semiconductor (TI) LM4855 Datasheet HTML 5Page - National Semiconductor (TI) LM4855 Datasheet HTML 6Page - National Semiconductor (TI) LM4855 Datasheet HTML 7Page - National Semiconductor (TI) LM4855 Datasheet HTML 8Page - National Semiconductor (TI) LM4855 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Electrical Characteristics (Notes 2, 8)
The following specifications apply for V
DD= 3.0V, TA= 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4855
Units
(Limits)
Typical
(Note 5)
Limits
(Note 6)
I
DD
Supply Current
Output mode 1
V
IN = 0V; No loads
4.5
7
mA (max)
Output mode 1
V
IN = 0V; Loaded (Fig.1)
5.0
8
mA (max)
Output modes 2, 3, 4, 5, 6, 7
V
IN = 0V; No loads
6.5
10
mA (max)
Output modes 2, 3, 4, 5, 6, 7
V
IN = 0V; Loaded (Fig. 1)
7
11
mA (max)
I
SD
Shutdown Current
Output mode 0
0.1
2.0
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
5.0
40
mV (max)
P
O
Output Power
SPKR
OUT;RL =4
Ω
THD+N = 1%; f = 1kHz, LM4855LQ
430
mW
SPKR
OUT;RL =8
Ω
THD+N = 1%; f = 1kHz
340
300
mW (min)
R
OUT and LOUT;RL =32
Ω
THD+N = 0.5%; f = 1kHz
25
20
mW (min)
THD+N
Total Harmonic Distortion Plus
Noise
SPKR
OUT
f = 20Hz to 20kHZ
P
OUT = 250mW; RL =8
Ω
0.5
%
R
OUT and LOUT
f = 20Hz to 20kHZ
P
OUT = 20mW; RL =32
Ω
0.5
%
N
OUT
Output Noise
A-weighted (Note 10)
29
µV
PSRR
Power Supply Rejection Ratio
SPKR
OUT
V
RIPPLE = 200mVPP; f = 217Hz, CB =
1.0µF
All audio inputs terminated into 50
Ω;
Output referred Gain (BTL) = 12dB
Output Mode 1, 3, 5, 7
58
55
dB (min)
Power Supply Rejection Ratio
R
OUTand LOUT
V
RIPPLE = 200mVPP; f = 217Hz, CB =
1.0µF
All audio inputs terminated into 50
Ω;
Output referred Maximum gain setting
Output Mode 2, 3
63
60
dB (min)
Output Mode 4, 5
58
55
dB (min)
Output Mode 6, 7
55
52
dB (min)
V
IH
Logic High Input Voltage
1.4
V
DD
V (min)
V (max)
V
IL
Logic Low Input Voltage
0.4
GND
V (max)
V (min)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com