Electronic Components Datasheet Search
  English  ▼

X  

LM4855 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4855
Description  Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4855 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4855 Datasheet HTML 2Page - National Semiconductor (TI) LM4855 Datasheet HTML 3Page - National Semiconductor (TI) LM4855 Datasheet HTML 4Page - National Semiconductor (TI) LM4855 Datasheet HTML 5Page - National Semiconductor (TI) LM4855 Datasheet HTML 6Page - National Semiconductor (TI) LM4855 Datasheet HTML 7Page - National Semiconductor (TI) LM4855 Datasheet HTML 8Page - National Semiconductor (TI) LM4855 Datasheet HTML 9Page - National Semiconductor (TI) LM4855 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical Characteristics (Notes 2, 8) (Continued)
The following specifications apply for V
DD= 3.0V, TA= 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4855
Units
(Limits)
Typical
(Note 5)
Limits
(Note 6)
Digital Volume Range (R
IN and
L
IN)
Input referred minimum gain
-34.5
-35.1
-33.9
dB (min)
dB (max)
Input referred maximum gain
12.0
11.4
12.6
dB (min)
dB (max)
Digital Volume Stepsize
1.5
dB
Digital Volume Stepsize Error
±0.1
±0.6
dB ( max)
Phone_In_IHF Volume
BTL gain from Phone_In _IHF to
SPKR
OUT
12
11.4
12.6
dB (min)
dB (max)
Phone _In_IHF Mute Attenuation
Output Mode 2, 4, 6
80
72
dB (min)
Phone_In_IHF Input Impedance
20
15
25
k
Ω (min)
k
Ω (max)
Phone_In_HS Input Impedance
Maximum gain setting
50
37.5
62.5
k
Ω (min)
k
Ω (max)
Mininum gain setting
100
75
125
k
Ω (min)
k
Ω (max)
R
IN and LIN Input Impedance
Maximum gain setting
33.5
25
42
k
Ω (min)
k
Ω (max)
Mininum gain setting
100
75
125
k
Ω (min)
k
Ω (max)
t
SD
Thermal Shutdown Temperature
170
150
˚C (min)
t
ES
Enable Setup Time (ENB)
20
ns (min)
t
EH
Enable Hold Time (ENB)
20
ns (min)
t
EL
Enable Low Time (ENB)
30
ns (min)
t
DS
Data Setup Time (DATA)
20
ns (min)
t
DH
Data Hold Time (DATA)
20
ns (min)
t
CS
Clock Setup Time (CLK)
20
ns (min)
t
CH
Clock Logic High Time (CLK)
50
ns (min)
t
CL
Clock Logic Low Time (CLK)
50
ns (min)
f
CLK
Clock Frequency
DC
10
(min)
MHz (max)
Note 2: Absolute Maximum Rating indicate limits beyond which damage to the device may occur.
Note 3: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Typical specifications are specified at +25˚C and represent the most likely parametric norm.
Note 6: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 7: Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage, then discharged directly into the
IC with no external series resistor (resistance of discharge path must be under 50
Ω).
Note 8: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 9: The given
θJA and θJC are for an LM4855 mounted on a demonstration board with a 4in2 area of 1oz printed circuit board copper ground plane.
Note 10: Please refer to the Output Noise vs Output Mode table in the Typical Performance Characteristics section for more details.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com