Electronic Components Datasheet Search
  English  ▼

X  

LM4855 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4855
Description  Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4855 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4855 Datasheet HTML 1Page - National Semiconductor (TI) LM4855 Datasheet HTML 2Page - National Semiconductor (TI) LM4855 Datasheet HTML 3Page - National Semiconductor (TI) LM4855 Datasheet HTML 4Page - National Semiconductor (TI) LM4855 Datasheet HTML 5Page - National Semiconductor (TI) LM4855 Datasheet HTML 6Page - National Semiconductor (TI) LM4855 Datasheet HTML 7Page - National Semiconductor (TI) LM4855 Datasheet HTML 8Page - National Semiconductor (TI) LM4855 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM4855
Integrated Audio Amplifier System
General Description
The LM4855 is an audio power amplifier system capable of
delivering 1.1W (typ) of continuous average power into a
mono 8
Ω bridged-tied load (BTL) with 1% THD+N and
115mW (typ) per channel of continuous average power into
stereo 32
Ω BTL loads with 0.5% THD+N, using a 5V power
supply.
The LM4855 features a 32 step digital volume control and
eight distinct output modes. The digital volume control and
output modes are programmed through a three-wire SPI
serial control interface, that allows flexibility in routing and
mixing audio channels.
The LM4855 is designed for cellular phone, PDA, and other
portable handheld applications. It delivers high quality output
power from a surface-mount package and requires only six
external components.
The industry leading micro SMD package only utilizes 2mm
x 2.3mm of PCB space, making the LM4855 the most space
efficient audio sub system available today.
Key Specifications
n
THD+N at 1kHz, 1.1W into 8
Ω BTL
1.0% (typ)
n
THD+N at 1kHz, 115mW into 32
Ω BTL
0.5% (typ)
n
Single Supply Operation
2.6 to 5.0V
Features
n
1.1W (typ) output power with 8
Ω mono BTL load
n
115mW (typ) output power with stereo 32
Ω BTL loads
n
SPI programmable 32 step digital volume control
n
Eight distinct output modes
n
micro-SMD and LLP surface mount packaging
n
"Click and Pop" suppression circuitry
n
Thermal shutdown protection
n
Low shutdown current (0.1uA, typ)
Applications
n
Moblie Phones
n
PDAs
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
200395D1
FIGURE 1. Typical Audio Amplifier Application Circuit
November 2002
© 2002 National Semiconductor Corporation
DS200395
www.national.com


Similar Part No. - LM4855

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4855 TI1-LM4855 Datasheet
2Mb / 27P
Integrated Audio Amplifier System
logo
National Semiconductor ...
LM48555 NSC-LM48555 Datasheet
332Kb / 14P
Ceramic Speaker Driver
LM48555TL NSC-LM48555TL Datasheet
332Kb / 14P
Ceramic Speaker Driver
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
Fully Differential, Mono, Ceramic Speaker Driver
logo
Texas Instruments
LM48556 TI1-LM48556 Datasheet
1Mb / 23P
Fully Differential, Mono, Ceramic Speaker Driver
More results

Similar Description - LM4855

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4851 NSC-LM4851 Datasheet
1Mb / 22P
Integrated Audio Amplifier System
LM4852 NSC-LM4852 Datasheet
860Kb / 21P
Integrated Audio Amplifier System
LM4856 NSC-LM4856 Datasheet
1Mb / 23P
Integrated Audio Amplifier System
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
BOOMER-R AUDIO POWER AMPLIFIER SERIES
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4670SD TI1-LM4670SD Datasheet
1Mb / 24P
LM4670 Boomer Audio Power Amplifier Series Filterless High
LM4900M TI1-LM4900M Datasheet
994Kb / 19P
LM4900 Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
LM4855 TI1-LM4855 Datasheet
2Mb / 27P
Integrated Audio Amplifier System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com