Electronic Components Datasheet Search
  English  ▼

X  

OPA355 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA355
Description  200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA355 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA355 Datasheet HTML 2Page - Texas Instruments OPA355 Datasheet HTML 3Page - Texas Instruments OPA355 Datasheet HTML 4Page - Texas Instruments OPA355 Datasheet HTML 5Page - Texas Instruments OPA355 Datasheet HTML 6Page - Texas Instruments OPA355 Datasheet HTML 7Page - Texas Instruments OPA355 Datasheet HTML 8Page - Texas Instruments OPA355 Datasheet HTML 9Page - Texas Instruments OPA355 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
OPA355, 2355, 3355
SBOS195D
6
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = 5V, G = +2, RF = 604Ω, and RL = 150Ω connected to VS/2, unless otherwise noted.
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage (Vp-p)
23
4
01
–50
–60
–70
–80
–90
–100
R
L = 200Ω
f = 1MHz
2nd Harmonic
3rd Harmonic
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
10
1
–50
–60
–70
–80
–90
–100
2nd-Harmonic
3rd-Harmonic
V
O = 2Vp-p
f = 1MHz
R
L = 200Ω
HARMONIC DISTORTION vs INVERTING GAIN
Gain (V/V)
10
1
–50
–60
–70
–80
–90
–100
2nd-Harmonic
3rd-Harmonic
V
O = 2Vp-p
f = 1MHz
R
L = 200Ω
HARMONIC DISTORTION vs FREQUENCY
Frequency (Hz)
10M
100k
1M
–50
–60
–70
–80
–90
–100
2nd-Harmonic
3rd-Harmonic
V
O = 2Vp-p
R
L = 200Ω
HARMONIC DISTORTION vs LOAD RESISTANCE
R
L (Ω)
1k
100
–50
–60
–70
–80
–90
–100
2nd-Harmonic
3rd-Harmonic
V
O = 2Vp-p
f = 1MHz
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Frequency (Hz)
100M
10
100
1k
10k
100k
1M
10M
10k
1k
100
10
1
Current Noise
Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com