Electronic Components Datasheet Search
  English  ▼

X  

OPA355 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA355
Description  200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA355 Datasheet(HTML) 4 Page - Texas Instruments

  OPA355 Datasheet HTML 1Page - Texas Instruments OPA355 Datasheet HTML 2Page - Texas Instruments OPA355 Datasheet HTML 3Page - Texas Instruments OPA355 Datasheet HTML 4Page - Texas Instruments OPA355 Datasheet HTML 5Page - Texas Instruments OPA355 Datasheet HTML 6Page - Texas Instruments OPA355 Datasheet HTML 7Page - Texas Instruments OPA355 Datasheet HTML 8Page - Texas Instruments OPA355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
OPA355, 2355, 3355
SBOS195D
4
www.ti.com
SHUTDOWN
Disabled (Logic-LOW Threshold)(2)
0.8
V
Enabled (Logic-HIGH Threshold)(2)
2V
Enable Time
100
ns
Disable Time
30
ns
Shutdown Current (per amplifier)
VS = +5V, Disabled
3.4
6
µA
THERMAL SHUTDOWN
Junction Temperature
Shutdown
160
°C
Reset from Shutdown
140
°C
TEMPERATURE RANGE
Specified Range
–40
125
°C
Operating Range
–55
150
°C
Storage Range
–65
150
°C
Thermal Resistance
θ
JA
°C/W
SOT-23-6, MSOP-10
150
°C/W
SO-8
125
°C/W
SO-14, TSSOP-14
100
°C/W
NOTES: (1) See typical characteristic
Output Voltage Swing vs Output Current. (2) Logic LOW and HIGH levels are CMOS logic compatible. They are referenced to V–.
ELECTRICAL CHARACTERISTICS: V
S = +2.7V to +5.5V Single-Supply (Cont.)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RF = 604Ω, RL = 150Ω, and connected to VS/2, unless otherwise noted.
OPA355
OPA2355
OPA3355
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com