Electronic Components Datasheet Search
  English  ▼

X  

OPA355 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA355
Description  200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA355 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA355 Datasheet HTML 3Page - Texas Instruments OPA355 Datasheet HTML 4Page - Texas Instruments OPA355 Datasheet HTML 5Page - Texas Instruments OPA355 Datasheet HTML 6Page - Texas Instruments OPA355 Datasheet HTML 7Page - Texas Instruments OPA355 Datasheet HTML 8Page - Texas Instruments OPA355 Datasheet HTML 9Page - Texas Instruments OPA355 Datasheet HTML 10Page - Texas Instruments OPA355 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
OPA355, 2355, 3355
SBOS195D
7
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = 5V, G = +2, RF = 604Ω, and RL = 150Ω connected to VS/2, unless otherwise noted.
FREQUENCY RESPONSE FOR VARIOUS R
L
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
–3
–6
–9
–12
–15
R
L = 50Ω
R
L = 150Ω
R
L = 1kΩ
R
L = 10kΩ
C
L = 0pF
V
O = 0.1Vp-p
FREQUENCY RESPONSE FOR VARIOUS C
L
Frequency (Hz)
10M
1M
100M
1G
100k
9
6
3
0
–3
–6
–9
–12
–15
R
S = 0Ω
V
O = 0.1Vp-p
C
L = 100pF
C
L = 47pF
C
L = 5.6pF
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
10
100
1
120
100
80
60
40
20
0
OPA355
C
L
R
S
V
IN
V
O
1k
Ω
604
Ω
604
Ω
(1k
Ω is
Optional)
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (Hz)
10M
100M
1G
1M
3
0
–3
–6
–9
–12
–15
C
L = 100pF
R
S = 24Ω
C
L = 47pF
R
S = 36Ω
C
L = 5.6pF
R
S = 80Ω
OPA355
C
L
R
S
V
IN
V
O
1k
Ω
604
Ω
604
Ω
(1k
Ω is
Optional)
G = +2
V
O = 0.1Vp-p
Frequency (Hz)
10M
100M
100k
1M
1G
10k
100
90
80
70
60
50
40
30
20
10
0
–PSRR
+PSRR
CMRR
COMMON-MODE REJECTION RATIO AND
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
OPEN-LOOP GAIN AND PHASE
Frequency (Hz)
10M
100M
100k
1M
1G
1k
10k
180
160
140
120
100
80
60
40
20
0
–20
Gain
Phase
R
L = 1kΩ
R
L = 150kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com