Electronic Components Datasheet Search
  English  ▼

X  

OPA355 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA355
Description  200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA355 Datasheet(HTML) 1 Page - Texas Instruments

  OPA355 Datasheet HTML 1Page - Texas Instruments OPA355 Datasheet HTML 2Page - Texas Instruments OPA355 Datasheet HTML 3Page - Texas Instruments OPA355 Datasheet HTML 4Page - Texas Instruments OPA355 Datasheet HTML 5Page - Texas Instruments OPA355 Datasheet HTML 6Page - Texas Instruments OPA355 Datasheet HTML 7Page - Texas Instruments OPA355 Datasheet HTML 8Page - Texas Instruments OPA355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
OPA355
OPA2355
OPA3355
SBOS195D – MARCH 2001 – REVISED JANUARY 2004
www.ti.com
DESCRIPTION
The OPA355 series high-speed, voltage-feedback CMOS
operational amplifiers are designed for video and other
applications requiring wide bandwidth. The OPA355 is unity-
gain stable and can drive large output currents. In addition,
the OPA355 has a digital shutdown (Enable) function. This
feature provides power savings during idle periods and
places the output in a high-impedance state to support output
multiplexing. Differential gain is 0.02% and differential phase
is 0.05
°. Quiescent current is only 8.3mA per channel.
The OPA355 is optimized for operation on single or dual
supplies as low as 2.5V (
±1.25V) and up to 5.5V (±2.75V).
Common-mode input range for the OPA355 extends 100mV
below ground and up to 1.5V from V+. The output swing is
within 100mV of the rails, supporting wide dynamic range.
The OPA355 series is available in single (SOT23-6 and
SO-8), dual (MSOP-10), and triple (TSSOP-14 and SO-14)
versions. Multichannel versions feature completely indepen-
dent circuitry for lowest crosstalk and freedom from interac-
tion. All are specified over the extended –40
°C to +125°C
range.
FEATURES
q UNITY-GAIN BANDWIDTH: 450MHz
q WIDE BANDWIDTH: 200MHz GBW
q HIGH SLEW RATE: 360V/
µs
q LOW NOISE: 5.8nV/
√Hz
q EXCELLENT VIDEO PERFORMANCE:
DIFF GAIN: 0.02%, DIFF PHASE: 0.05
°
0.1dB GAIN FLATNESS: 75MHz
q INPUT RANGE INCLUDES GROUND
q RAIL-TO-RAIL OUTPUT (within 100mV)
q LOW INPUT BIAS CURRENT: 3pA
q LOW SHUTDOWN CURRENT: 3.4
µA
q ENABLE/DISABLE TIME: 100ns/30ns
q THERMAL SHUTDOWN
q SINGLE-SUPPLY OPERATING RANGE: 2.5V to 5.5V
q MicroSIZE PACKAGES
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001-2004, Texas Instruments Incorporated
200MHz, CMOS
OPERATIONAL AMPLIFIER WITH SHUTDOWN
APPLICATIONS
q VIDEO PROCESSING
q ULTRASOUND
q OPTICAL NETWORKING, TUNABLE LASERS
q PHOTODIODE TRANSIMPEDANCE AMPS
q ACTIVE FILTERS
q HIGH-SPEED INTEGRATORS
q ANALOG-TO-DIGITAL (A/D) CONVERTER
INPUT BUFFERS
q DIGITAL-TO-ANALOG (D/A) CONVERTER
OUTPUT AMPLIFIERS
q BARCODE SCANNERS
q COMMUNICATIONS
®
OPA3
355
OPA3
355
OPA3
55
OPA2
355
OPA355 RELATED PRODUCTS
FEATURES
PRODUCT
200MHz, Rail-to-Rail Output, CMOS, No Shutdown
OPA356
38MHz, Rail-to-Rail Input/Output, CMOS
OPAx350
75MHz, Rail-to-Rail Output
OPAx631
150MHz, Rail-to-Rail Output
OPAx634
Differential Input/Output, 3.3V Supply
THS412x
OPA355
Out
V+
V– Enable
–V
IN
+V
IN
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA355

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA355 TI-OPA355 Datasheet
390Kb / 20P
1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA355 BURR-BROWN-OPA355 Datasheet
329Kb / 15P
3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Texas Instruments
OPA355 TI-OPA355 Datasheet
1Mb / 26P
200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA355 TI1-OPA355 Datasheet
823Kb / 24P
200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results

Similar Description - OPA355

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA356 BURR-BROWN-OPA356 Datasheet
263Kb / 13P
200MHz, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA356 TI-OPA356_07 Datasheet
323Kb / 19P
200MHz, CMOS OPERATIONAL AMPLIFIER
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
SG Micro Corp
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
Operational Amplifier with Shutdown
logo
Texas Instruments
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
200-MHz CMOS Operational Amplifier With Shutdown
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
CMOS Operational Amplifier with Shutdown
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
CMOS Operational Amplifier With Shutdown
OPA355 TI1-OPA355_15 Datasheet
1Mb / 27P
200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com