Electronic Components Datasheet Search
  English  ▼

X  

INA260 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA260
Description  Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA260 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA260 Datasheet HTML 17Page - Texas Instruments INA260 Datasheet HTML 18Page - Texas Instruments INA260 Datasheet HTML 19Page - Texas Instruments INA260 Datasheet HTML 20Page - Texas Instruments INA260 Datasheet HTML 21Page - Texas Instruments INA260 Datasheet HTML 22Page - Texas Instruments INA260 Datasheet HTML 23Page - Texas Instruments INA260 Datasheet HTML 24Page - Texas Instruments INA260 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
INA260
www.ti.com
SBOS656A – JULY 2016 – REVISED AUGUST 2016
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 13. Mask/Enable Register (06h) (Read/Write)
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
NAME
OCL
UCL
BOL
BUL
POL
CNVR
—
—
—
—
—
AFF
CVRF
OVF
APOL
LEN
POR
VALUE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
OCL:
Over Current Limit (Read/Write)
Bit 15
Setting this bit high configures the Alert pin to be asserted if the current measurement following a conversion
exceeds the value programmed in the Alert Limit Register.
UCL:
Under Current Limit (Read/Write)
Bit 14
Setting this bit high configures the Alert pin to be asserted if the current measurement following a conversion drops
below the value programmed in the Alert Limit Register.
BOL:
Bus Voltage Over-Voltage (Read/Write)
Bit 13
Setting this bit high configures the Alert pin to be asserted if the bus voltage measurement following a conversion
exceeds the value programmed in the Alert Limit Register.
BUL:
Bus Voltage Under-Voltage (Read/Write)
Bit 12
Setting this bit high configures the Alert pin to be asserted if the bus voltage measurement following a conversion
drops below the value programmed in the Alert Limit Register.
POL:
Power Over-Limit (Read/Write)
Bit 11
Setting this bit high configures the Alert pin to be asserted if the Power calculation made following a bus voltage
measurement exceeds the value programmed in the Alert Limit Register.
CNVR:
Conversion Ready (Read/Write)
Bit 10
Setting this bit high configures the Alert pin to be asserted when the Conversion Ready Flag, Bit 3, is asserted
indicating that the device is ready for the next conversion.
AFF:
Alert Function Flag (Read-Only)
Bit 4
While only one Alert Function can be monitored at the Alert pin at a time, the Conversion Ready can also be
enabled to assert the Alert pin. Reading the Alert Function Flag following an alert allows the user to determine if the
Alert Function was the source of the Alert.
When the Alert Latch Enable bit is set to Latch mode, the Alert Function Flag bit clears only when the Mask/Enable
Register is read. When the Alert Latch Enable bit is set to Transparent mode, the Alert Function Flag bit is cleared
following the next conversion that does not result in an Alert condition.
CVRF:
Conversion Ready Flag (Read-Only)
Bit 3
Although the device can be read at any time, and the data from the last conversion is available, the Conversion
Ready Flag bit is provided to help coordinate one-shot or triggered conversions. The Conversion Ready Flag bit is
set after all conversions, averaging, and multiplications are complete. Conversion Ready Flag bit clears under the
following conditions:
1.) Writing to the Configuration Register (except for Power-Down selection)
2.) Reading the Mask/Enable Register
OVF:
Math Overflow Flag (Read-Only)
Bit 2
This bit is set to '1' if an arithmetic operation resulted in an overflow error. It indicates that current and power data
may be invalid.
APOL:
Alert Polarity bit (Read/Write)
Bit 1
1 = Inverted (active-high open collector)
0 = Normal (active-low open collector) (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com