Electronic Components Datasheet Search
  English  ▼

X  

INA260 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA260
Description  Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA260 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA260 Datasheet HTML 7Page - Texas Instruments INA260 Datasheet HTML 8Page - Texas Instruments INA260 Datasheet HTML 9Page - Texas Instruments INA260 Datasheet HTML 10Page - Texas Instruments INA260 Datasheet HTML 11Page - Texas Instruments INA260 Datasheet HTML 12Page - Texas Instruments INA260 Datasheet HTML 13Page - Texas Instruments INA260 Datasheet HTML 14Page - Texas Instruments INA260 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
Current Limit Detect Following
Every Shunt Voltage Conversion
Bus and Power Limit Detect
Following Every Bus Voltage Conversion
Power Average
Bus Voltage Average
Current Average
11
INA260
www.ti.com
SBOS656A – JULY 2016 – REVISED AUGUST 2016
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
NOTE: I = current, V = voltage, and P = power.
Figure 3. Power Calculation Scheme
In addition to the current and power accumulating after every sample, the bus voltage measurement is also
collected. After all of the samples have been measured and the corresponding current and power calculations
have been made, the accumulated average for each of these parameters is then loaded to the corresponding
output registers, where they can be read.
8.3.3.2 Alert Pin
The INA260 has a single Alert Limit Register (07h), that allows the Alert pin to be programmed to respond to a
single user-defined event or to a Conversion Ready notification if desired. The Mask/Enable Register allows the
user to select from one of the five available functions to monitor and/or set the Conversion Ready bit to control
the response of the Alert pin. Based on the function being monitored, the user would then enter a value into the
Alert Limit Register to set the corresponding threshold value that asserts the Alert pin.
The Alert pin allows for one of several available alert functions to be monitored to determine if a user-defined
threshold has been exceeded. The five alert functions that can be monitored are:
•
Shunt Over Current-Limit (OCL)
•
Shunt Under Current-Limit (UCL)
•
Bus Voltage Over-Limit (BOL)
•
Bus Voltage Under-Limit (BUL)
•
Power Over-Limit (POL)
The Alert pin is an open-drain output. This pin is asserted when the alert function selected in the Mask/Enable
Register exceeds the value programmed into the Alert Limit Register. Only one of these alert functions can be
enabled and monitored at a time. If multiple alert functions are enabled, the selected function in the highest
significant bit position takes priority and responds to the Alert Limit Register value. For example, if the shunt over
and under current limit functions are both selected, the Alert pin asserts when the shunt current exceeds the
value in the Alert Limit Register.
The Conversion Ready state of the device can also be monitored at the Alert pin to inform the user when the
device has completed the previous conversion and is ready to begin a new conversion. Conversion Ready can
be monitored at the Alert pin along with one of the alert functions. If an alert function and the Conversion Ready
are both enabled to be monitored at the Alert pin, after the Alert pin is asserted, the Mask/Enable Register must
be read following the alert to determine the source of the alert. By reading the Conversion Ready Flag (CVRF, bit
3), and the Alert Function Flag (AFF, bit 4) in the Mask/Enable Register, the source of the alert can be
determined. If the Conversion Ready feature is not desired and the CNVR bit is not set, the Alert pin only
responds to an exceeded alert limit based on the alert function enabled.
If the alert function is not used, the Alert pin can be left floating without impacting the operation of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com