Electronic Components Datasheet Search
  English  ▼

X  

INA260 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA260
Description  Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA260 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA260 Datasheet HTML 2Page - Texas Instruments INA260 Datasheet HTML 3Page - Texas Instruments INA260 Datasheet HTML 4Page - Texas Instruments INA260 Datasheet HTML 5Page - Texas Instruments INA260 Datasheet HTML 6Page - Texas Instruments INA260 Datasheet HTML 7Page - Texas Instruments INA260 Datasheet HTML 8Page - Texas Instruments INA260 Datasheet HTML 9Page - Texas Instruments INA260 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
INA260
SBOS656A – JULY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Although the input range is 36 V, the full-scale range of the ADC scaling is 40.96 V; see the Basic ADC Functions section. Do not apply
more than 36 V.
(2)
RTI = Referred-to-input.
(3)
Input leakage is positive (current flowing into the pin) for the conditions shown at the top of this table. Negative leakage currents can
occur under different input conditions.
7.5 Electrical Characteristics
at TA = 25°C, VVS = 3.3 V, VIN+ = 12 V, VSENSE = (VIN+ – VIN–) = 0 mV and VVBUS = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range
0
36
V
Bus voltage input range(1)
0
36
V
CMRR
Common-mode rejection
0 V
≤ VIN+ ≤ 36 V
126
140
dB
VOS
Current sense offset, RTI(2)
±1.25
±5
mA
Current sense offset drift, RTI(2)
–40°C
≤ TA ≤ 125°C
10
50
µA/°C
PSRR
Current sense offset voltage, RTI(2)
vs power supply
2.7 V
≤ VS ≤ 5.5 V
1.25
mA/V
VOS
Bus offset voltage, RTI(2)
±1.25
±7.5
mV
Bus offset voltage, RTI(2) vs
temperature
–40°C
≤ TA ≤ 125°C
10
40
µV/°C
PSRR
Bus offset voltage, RTI(2) vs power
supply
0.5
mV/V
IB
Input bias current (IIN+, IIN– pins)
ISENSE = 0A
10
µA
VBUS input impedance
830
kΩ
Input leakage(3)
(IN+ pin) + (IN– pin),
power-down mode
0.1
0.5
µA
DC ACCURACY
System gain error
ISENSE = –15 A to 15 A, TA = 25°C
0.05%
0.15%
ISENSE = –10 A to 10 A,
–40°C
≤ TA ≤ 125°C
0.2%
0.5%
–40°C
≤ TA ≤ 125°C
10
35
ppm/°C
Bus voltage gain error
0.02%
0.1%
Bus voltage gain error vs temperature –40°C
≤ TA ≤ 125°C
10
50
ppm/°C
INTEGRATED ADC
ADC native resolution
16
Bits
1-LSB step size
Current
1.25
mA
Bus voltage
1.25
mV
Power
10
mW
tCT
ADC conversion time
CT bit = 000
140
154
µs
CT bit = 001
204
224
CT bit = 010
332
365
CT bit = 011
588
646
CT bit = 100
1.1
1.21
ms
CT bit = 101
2.116
2.328
CT bit = 110
4.156
4.572
CT bit = 111
8.244
9.068
Differential nonlinearity
±0.1
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com