Electronic Components Datasheet Search
  English  ▼

X  

INA260 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA260
Description  Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA260 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA260 Datasheet HTML 9Page - Texas Instruments INA260 Datasheet HTML 10Page - Texas Instruments INA260 Datasheet HTML 11Page - Texas Instruments INA260 Datasheet HTML 12Page - Texas Instruments INA260 Datasheet HTML 13Page - Texas Instruments INA260 Datasheet HTML 14Page - Texas Instruments INA260 Datasheet HTML 15Page - Texas Instruments INA260 Datasheet HTML 16Page - Texas Instruments INA260 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
INA260
www.ti.com
SBOS656A – JULY 2016 – REVISED AUGUST 2016
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Conditions: Load = 12.5 A, VCM = 11.98 V.
8.5 Programming
8.5.1 Calculating Returned Values
The LSB size for the Bus Voltage Register (02h), Current Register, and Power Register are fixed and are shown
in Table 1. To calculate any of the values for current, voltage or power take the decimal value returned by the
device and multiply that value by the LSB size. For example, the LSB for the bus voltage is 1.25 mV/bit, if the
device returns a decimal value of 9584 (2570h), the value of the bus voltage is calculated to be 1.25mV x 9584 =
11.98V.
Table 1. Calculating Current and Power(1)
REGISTER NAME
ADDRESS
CONTENTS
DEC
LSB
VALUE
Bus Voltage Register
02h
2570h
9584
1.25 mV
11.98 V
Current Register
04h
2710
10000
1.25 mA
12.5 A
Power Register
03h
3A7Fh
14975
10 mW
149.75 W
8.5.2 Default Settings
The default power-up states of the registers are shown in the Register Maps section of this data sheet. These
registers are volatile, and if programmed to a value other than the default values shown in Table 4, they must be
re-programmed at every device power-up.
8.5.3 Bus Overview
The INA260 offers compatibility with both I2C and SMBus interfaces. The I2C and SMBus protocols are
essentially compatible with one another.
The I2C interface is used throughout this data sheet as the primary example, with SMBus protocol specified only
when a difference between the two systems is discussed. Two lines, SCL and SDA, connect the device to the
bus. Both SCL and SDA connect to the bus and require external pull-up resistors.
The device that initiates a data transfer is called a master, and the devices controlled by the master are slaves.
The bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access,
and generates START and STOP conditions.
To address a specific device, the master initiates a start condition by pulling the data signal line (SDA) from a
high to a low logic level while SCL is high. All slaves on the bus shift in the slave address byte on the rising edge
of SCL, with the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the
slave being addressed responds to the master by generating an Acknowledge and pulling SDA low.
Data transfer is then initiated and eight bits of data are sent, followed by an Acknowledge bit. During data
transfer, SDA must remain stable while SCL is high. Any change in SDA while SCL is high is interpreted as a
start or stop condition.
After all data have been transferred, the master generates a stop condition, indicated by pulling SDA from low to
high while SCL is high. The device includes a 28 ms timeout on its interface to prevent locking up the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com