Electronic Components Datasheet Search
  English  ▼

X  

SI4133 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SI4133
Description  DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI4133 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SI4133 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Si4133
Rev. 1.1
5
Table 3. DC Characteristics
(V
DD = 2.7 to 3.6 V, TA = –40 to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Total Supply Current1
RF1 and IF operating
—
18
27
mA
RF1 Mode Supply Current1
—10
16
mA
RF2 Mode Supply Current1
—9
16
mA
IF Mode Supply Current1
—8
13
mA
Standby Current
PWDNB = 0
—
1
—
µA
High Level Input Voltage2
V
IH
0.7 V
DD
——
V
Low Level Input Voltage2
V
IL
—
—
0.3 V
DD
V
High Level Input Current2
I
IH
V
IH = 3.6 V,
V
DD = 3.6 V
–10
—
10
µA
Low Level Input Current2
IIL
VIL = 0 V,
VDD= 3.6 V
–10
—
10
µA
High Level Output Voltage3
V
OH
I
OH = –500 µA
V
DD–0.4
—
—
V
Low Level Output Voltage3
V
OL
I
OH = 500 µA
—
—
0.4
V
Notes:
1. RF1 = 1.6 GHz, RF2 = 1.1 GHz, IFOUT = 550 MHz, LPWR = 0
2. For signals SCLK, SDATA, SENB, and PWDNB.
3. For signal AUXOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com