Electronic Components Datasheet Search
  English  ▼

X  

SI4133 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SI4133
Description  DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI4133 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SI4133 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Si4133
Rev. 1.1
9
RF1 Harmonic Suppression
Second Harmonic
—
–26
–20
dBc
RF2 Harmonic Suppression
—
–26
–20
dBc
IF Harmonic Suppression
—
–26
–20
dBc
RFOUT Power Level
ZL = 50 Ω
–8
–3
1
dBm
RFOUT Power Level2
Z
L = 50 Ω, RF1 active,
Extended frequency
operation
–14
–7
1
dBm
IFOUT Power Level
ZL = 50 Ω
–8
–4
0
dBm
RF1 Output Reference Spurs
Offset = 200 kHz
—
–65
—
dBc
Offset = 400 kHz
—
–71
—
dBc
Offset = 600 kHz
—
–75
—
dBc
RF2 Output Reference Spurs
Offset = 200 kHz
—
–65
—
dBc
Offset = 400 kHz
—
–71
—
dBc
Offset = 600 kHz
—
–75
—
dBc
Power Up Request to Synthesizer
Ready3 Time
t
pup
Figures 4, 5
—
40/fφ
50/fφ
Power Down Request to Synthesizer
Off4 Time
tpdn
Figures 4, 5
—
—
100
ns
Table 5. RF and IF Synthesizer Characteristics (Continued)
(VDD = 2.7 to 3.6 V, TA = –40 to 85°C)
Parameter1
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. fφ = 200 kHz, RF1 = 1.6 GHz, RF2 = 1.2 GHz, IFOUT = 550 MHz, LPWR = 0, for all parameters unless otherwise noted.
2. Extended frequency operation only. VDD ≥ 3.0 V, MLP only, VCO Tuning Range fixed by directly shorting the RFLA and
RFLB pins. See Application Note 41 for more details on the Si4133 extended frequency operation.
3. From power up request (PWDNB
↑ or SENB↑ during a write of 1 to bits PDIB and PDRB in Register 2) to RF and IF
synthesizers ready (settled to within 0.1 ppm frequency error).
4. From power down request (PWDNB
↓, or SENB↑ during a write of 0 to bits PDIB and PDRB in Register 2) to supply
current equal to IPWDN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com