Electronic Components Datasheet Search
  English  ▼

X  

SI4133 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # SI4133
Description  DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI4133 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button SI4133 Datasheet HTML 16Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 17Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 18Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 19Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 20Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 21Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 22Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 23Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Si 41 33
20
Rev. 1.1
Auxiliary Output (AUXOUT)
The signal appearing on AUXOUT is selected by setting
the AUXSEL bits in the Main Configuration register
(Register 0).
The LDETB signal can be selected by setting the AUXSEL
bits to 11. This signal can be used to indicate that the IF or
RF PLL is about to lose lock due to excessive ambient
temperature drift and should be re-tuned.
Figure 18. Typical IF Output Voltage vs. Load Resistance at 550 MHz
Table 11. Power Down Configuration
PWDNB Pin
AUTOPDB
PDIB
PDRB
IF Circuitry
RF
Circuitry
PWDNB = 0
XX
X
OFF
OFF
PWDNB = 1
00
0
OFF
OFF
00
1
OFF
ON
01
0
ON
OFF
01
1
ON
ON
1x
x
ON
ON
0
50
100
150
200
250
300
350
400
450
0
200
400
600
800
1000
1200
Load Resistance (
Ω
Ω
Ω
Ω)
LPWR=0
LPWR=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com