Electronic Components Datasheet Search
  English  ▼

X  

SI4133 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SI4133
Description  DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI4133 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SI4133 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 14Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 15Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 16Page - List of Unclassifed Manufacturers SI4133 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Si4133
Rev. 1.1
13
Figure 9. Typical RF2 Phase Noise at 1.2 GHz
with 200 kHz Phase Detector Update Frequency
Figure 10. Typical RF2 Spurious Response at 1.2 GHz
with 200 kHz Phase Detector Update Frequency
10
2
10
3
10
4
10
5
10
6
−140
−130
−120
−110
−100
−90
−80
−70
−60
Offset Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com