Electronic Components Datasheet Search
  English  ▼

X  

INA330 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA330
Description  THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA330 Datasheet(HTML) 2 Page - Texas Instruments

  INA330 Datasheet HTML 1Page - Texas Instruments INA330 Datasheet HTML 2Page - Texas Instruments INA330 Datasheet HTML 3Page - Texas Instruments INA330 Datasheet HTML 4Page - Texas Instruments INA330 Datasheet HTML 5Page - Texas Instruments INA330 Datasheet HTML 6Page - Texas Instruments INA330 Datasheet HTML 7Page - Texas Instruments INA330 Datasheet HTML 8Page - Texas Instruments INA330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
INA330
2
SBOS260
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
INA330
MSOP-10
DGS
–40
°C to +85°C
TLB
INA330AIDGST
Tape and Reel, 250
"
"""
"
INA330AIDGSR
Tape and Reel, 2500
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage .................................................................................. +5.5V
Signal Input Terminals:
(Pins 1, 2, 3, 6, and 10) Voltage(2) ......................... –0.5V to (V+) + 0.5V
Current(2) ...............................................
±10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature Range ....................................... –40
°C to +125°C
Storage Temperature Range .......................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
(2) Input terminals are diode clamped to the power-supply rails. Input signals that
can swing more than 0.5V beyond the supply rails should be current limited to
10mA or less. (3) Short-circuit to ground.
Top View
MSOP
PIN CONFIGURATION
1
2
3
4
5
10
9
8
7
6
I
1 (RTHERM)
V+
V
O
I
O (RG)
Enable
I
2 (RSET)
V
2
V
1
GND
(Connect to V+)
INA330
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com