Electronic Components Datasheet Search
  English  ▼

X  

INA330 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA330
Description  THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA330 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA330 Datasheet HTML 7Page - Texas Instruments INA330 Datasheet HTML 8Page - Texas Instruments INA330 Datasheet HTML 9Page - Texas Instruments INA330 Datasheet HTML 10Page - Texas Instruments INA330 Datasheet HTML 11Page - Texas Instruments INA330 Datasheet HTML 12Page - Texas Instruments INA330 Datasheet HTML 13Page - Texas Instruments INA330 Datasheet HTML 14Page - Texas Instruments INA330 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
INA330
11
SBOS260
www.ti.com
FIGURE 10. Digitally Compensated Loop.
FIGURE 11. Traditional Bridge Circuit.
DIGITALLY COMPENSATED LOOP
The PID compensation can be replaced with a microcontroller
or DSP, as shown in Figure 10. An Analog-to-Digital (A/D)
converter would be used to digitize the output of the INA330.
The analog PID provides sufficient filtering inherently, and,
therefore requires no additional filtering. The digital control
loop shown in Figure 10 does not provide this inherent
filtering, requiring additional output filtering (RO and CO) as
shown to avoid sampling the internal chopping noise of the
INA330 and the A/D converter input and affecting accuracy.
High-frequency noise is created by internal auto-correction
circuitry and is highly dependent on the filter characteristics
chosen. “Spurs” occur at approximately 90kHz and its har-
monics which is reduced by additional filtering at or below
1kHz. This may be the dominant source of noise visible when
viewing the output on an oscilloscope. Low cutoff frequency
filters will provide lowest noise.
TRADITIONAL BRIDGE CIRCUIT
The traditional bridge circuit (Figure 11) uses three matched
resistors and a thermistor to detect temperature changes.
The INA326 and INA327 instrumentation amplifiers are well
suited to a bridge implementation for thermistor measure-
ment.
INA330
DSP
Loop Compensation
is performed in DSP.
TEC
+5V
Enable
+5V
R
SET
10k
Ω
R
G
200k
Ω
R
THERM
C
FILTER
500pF
V
ADJ
0V to 5V
D/A
Converter
Temp
Adjust
Ref
R
O
100
Ω
C
O
1
µF
A/D
Converter
D/A
Converter
+1V
V
2
V
1
3
2
95
6
8
7
5k
Ω
10k
Ω(2)
10k
Ω(1)
10k
Ω(1)
✻ 10k
Ω at set-point
temperature.
✻
NOTES: (1) Requires ratio matching tracking.
(2) Requires absolute accuracy and stability.
V
EXCITE
PID CONTROLLER
INA326
+5V
100k
Ω
V
REF
2.5V
1nF
V
ADJ
D/A
Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com