Electronic Components Datasheet Search
  English  ▼

X  

INA330 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA330
Description  THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA330 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA330 Datasheet HTML 2Page - Texas Instruments INA330 Datasheet HTML 3Page - Texas Instruments INA330 Datasheet HTML 4Page - Texas Instruments INA330 Datasheet HTML 5Page - Texas Instruments INA330 Datasheet HTML 6Page - Texas Instruments INA330 Datasheet HTML 7Page - Texas Instruments INA330 Datasheet HTML 8Page - Texas Instruments INA330 Datasheet HTML 9Page - Texas Instruments INA330 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
INA330
6
SBOS260
www.ti.com
APPLICATIONS INFORMATION
OVERVIEW
Precision temperature controllers are generally adjusted to
their set-point temperature to achieve the desired system
performance and to compensate for tolerance of the ther-
mistor and reference circuitry. After this adjustment, the
crucial issue is the stability of this set-point temperature.
When used in a temperature control loop (Figure 1), the
INA330 provides excellent control-point stability over time
and ambient temperature changes. Low 1/f noise assures
excellent short-term stability. Internal auto-zero circuitry as-
sures excellent stability throughout product life.
SOURCES OF ERRORS
The largest source of error in a control system will occur due
to RSET, see “Selecting Components” section.
The INA330 errors are extremely low. The primary errors in
the INA330 occur in the current conveyer circuitry, as shown
in Figure 2. Equal currents in RSET and RTHERM produce a
small output current error of 200nA (maximum), and some
variation with temperature of 40nA (maximum). The offset is
calibrated out. Only the variation affects set-point stability.
The variation can be referred to the input as a set-point temp
variation: 10k
Ω thermistor with a 4.5% temperature coeffi-
cient, (
α = –0.045) changes resistance by 450Ω/°C. This
results in 4500nA change in I1 for a 1°C temperature change
at the thermistor. Therefore, the 40nA maximum current
offset error variation with ambient temperature results in a
0.009
°C variation in set-point temperature over –40°C to
+85
°C ambient (40nA/4500nA/°C = 0.009°C set-point/°C
FIGURE 2. Current Conveyor Portion of the INA330.
8
7
I
O = I1 – I2 + IERROR + ∆IERROR /∆T
Current Conveyor: measures
the current difference between
pins 10 and 1.
2
3
10
1
R
THERM
10k
Ω at 25°C
9.55k
Ω at 26°C
∆I = 4500nA
R
SET
I
2
I
1
1V
D/A
Converter
2
3
10
1
95
4
V+
V
2
V
EXCITE
1V
V
1
6
Enable
High = On
Low = Off
8
+0.9V/
°C
for increasing
temperature.
7
I
1
I
2
R
SET
10k
Ω
(Selection of R
SET
significantly affects
control system—see
“Selecting Components”
section.)
R
G
200k
Ω
Thermistor
R
THERM = 10kΩ
C
FILTER
500pF
I
O = I1 – I2
V
O
V
REF
2.5V
PID CONTROLLER
V
ADJUST = +2.5V
TEC
Power
Amp
0.1
µF
Place 0.1
µF capacitor close
to and across the power-
supply pins.
FIGURE 1. The INA330 In Simplified Temperature Control Loop.
ambient). This is the variation in set-point temperature due to
variation in ambient temperature of the INA330.
Insignificant Errors
Input offset voltage of the voltage excitation buffers are auto-
zeroed to approximately 60
µV and match to 30µV. Drift with
temperature is very low. They contribute negligible error.
Voltage excitation buffers have an input bias current of
0.2nA. With a source impedance of less than 10k
Ω, errors
produced by the input bias current will be negligible.
Output buffer errors are auto-zeroed. When referred to the
input, their errors are negligible.
Gain error does not produce any significant temperature set-
point error when used in a temperature set-point control loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com