Electronic Components Datasheet Search
  English  ▼

X  

INA330 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA330
Description  THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA330 Datasheet(HTML) 1 Page - Texas Instruments

  INA330 Datasheet HTML 1Page - Texas Instruments INA330 Datasheet HTML 2Page - Texas Instruments INA330 Datasheet HTML 3Page - Texas Instruments INA330 Datasheet HTML 4Page - Texas Instruments INA330 Datasheet HTML 5Page - Texas Instruments INA330 Datasheet HTML 6Page - Texas Instruments INA330 Datasheet HTML 7Page - Texas Instruments INA330 Datasheet HTML 8Page - Texas Instruments INA330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
INA330
SBOS260 – NOVEMBER 2002
www.ti.com
DESCRIPTION
The INA330 is a precision amplifier designed for thermoelec-
tric cooler (TEC) control in optical networking applications. It
is optimized for use in 10k
Ω thermistor-based temperature
controllers. The INA330 provides thermistor excitation and
generates an output voltage proportional to the difference in
resistances applied to the inputs. It uses only one precision
resistor plus the thermistor, thus providing an alternative to
the traditional bridge circuit. This new topology eliminates the
need for two precision resistors while maintaining excellent
accuracy for temperature control applications.
An excitation voltage is applied to the thermistor (RTHERM)
and precision resistor (RSET), creating currents I1 and I2. The
current conveyor circuit produces an output current, IO, equal
to I1 – I2, which flows through the external gain-setting
resistor. A buffered voltage output proportional to IO is also
provided.
The INA330 offers excellent long-term stability, and very low
1/f noise throughout the life of the product. The low offset
results in a 0.009
°C temperature error from –40°C to +85°C.
It comes in MSOP-10 packaging and operates with supply
voltages from +2.7V to +5.5V. It is specified over the indus-
trial temperature range, –40
°C to +85°C, with operation from
–40
°C to +125°C.
FEATURES
q OPTIMIZED FOR PRECISION 10k
Ω
THERMISTOR APPLICATIONS
q
LOW OFFSET OVER TEMPERATURE:
0.009
°C Temperature Error, –40°C to +85°C
q
EXCELLENT LONG-TERM STABILITY
q
VERY LOW 1/f NOISE: (0.01Hz to 10Hz)
(Peak-to-Peak Equivalent to 0.0001
°C)
q WIDE OUTPUT SWING: Within 10mV of Rails
q SUPPLY RANGE: Single +2.7V to +5.5V
q microPACKAGE: MSOP-10
q REQUIRES ONLY ONE PRECISION RESISTOR
Copyright © 2002, Texas Instruments Incorporated
THERMISTOR SIGNAL AMPLIFIER
FOR TEMPERATURE CONTROL
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q THERMISTOR-BASED TEMPERATURE
CONTROLLERS FOR OPTICAL NETWORKING
q HIGH ACCURACY FOR TEC APPLICATIONS
q LASER TEMPERATURE CONTROL
D/A
Converter
2
3
10
1
95
4
V+
V
2
V
EXCITE
1V
V
1
6
Enable
High = On
Low = Off
8
7
I
1
I
2
R
SET
10k
Ω
R
G
200k
Ω
Thermistor
R
THERM = 10kΩ
C
FILTER
500pF
I
O = I1 – I2
V
O
V
REF
2.5V
PID CONTROLLER
INA330 In A Temperature Control Loop
V
ADJUST = +2.5V
INA33
0


Similar Part No. - INA330

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA330 BURR-BROWN-INA330 Datasheet
245Kb / 12P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
logo
Texas Instruments
INA330 TI2-INA330 Datasheet
611Kb / 17P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
NOVEMBER 2002
logo
Burr-Brown (TI)
INA330AIDGSR BURR-BROWN-INA330AIDGSR Datasheet
245Kb / 12P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
logo
Texas Instruments
INA330AIDGSR TI2-INA330AIDGSR Datasheet
611Kb / 17P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
NOVEMBER 2002
logo
Burr-Brown (TI)
INA330AIDGST BURR-BROWN-INA330AIDGST Datasheet
245Kb / 12P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
More results

Similar Description - INA330

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA330 BURR-BROWN-INA330 Datasheet
245Kb / 12P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
Precision NTC Thermistor Probes for Temperature Measurement
MF11 ETC2-MF11 Datasheet
246Kb / 2P
Temperature Compensation NTC Thermistor
logo
Thinking Electronic Ind...
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
SMD PTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
SMD NTC Thermistor for Temperature Sensing
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
SMD NTC Thermistor for Temperature Sensing
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
ptc chip thermistor (for over-temperature protection)
logo
Texas Instruments
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
Small Silicon-Based Linear Thermistor for Temperature Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com