Electronic Components Datasheet Search
  English  ▼

X  

ISO7820LL Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7820LL
Description  High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7820LL Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7820LL Datasheet HTML 3Page - Texas Instruments ISO7820LL Datasheet HTML 4Page - Texas Instruments ISO7820LL Datasheet HTML 5Page - Texas Instruments ISO7820LL Datasheet HTML 6Page - Texas Instruments ISO7820LL Datasheet HTML 7Page - Texas Instruments ISO7820LL Datasheet HTML 8Page - Texas Instruments ISO7820LL Datasheet HTML 9Page - Texas Instruments ISO7820LL Datasheet HTML 10Page - Texas Instruments ISO7820LL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
ISO7820LL, ISO7821LL
www.ti.com
SLLSET8A – MARCH 2016 – REVISED AUGUST 2016
Product Folder Links: ISO7820LL ISO7821LL
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Plan to certify according to
DIN V VDE V 0884-10
(VDE V 0884-10):2006-12
and DIN EN 60950-1 (VDE
0805 Teil 1):2011-01
Plan to certify under CSA
Component Acceptance
Notice 5A, IEC 60950-1 and
IEC 60601-1
Plan to certify according
to UL 1577 Component
Recognition Program
Plan to certify according to
GB 4943.1-2011
Plan to certify according to
EN 61010-1:2010 (3rd Ed) and
EN 60950-1:2006/A11:2009/A1:2010/
A12:2011/A2:2013
Reinforced insulation
Maximum transient
isolation voltage, 8000 VPK;
Maximum repetitive peak
isolation voltage, 2121 VPK
(DW), 2828 VPK (DWW);
Maximum surge isolation
voltage, 8000 VPK
Reinforced insulation per CSA
60950-1-07+A1+A2 and IEC
60950-1 2nd Ed., 800 VRMS
(DW package) and 1450 VRMS
(DWW package) max working
voltage (pollution degree 2,
material group I);
Single protection,
5700 VRMS
Reinforced Insulation,
Altitude
≤ 5000 m, Tropical
Climate, 250 VRMS
maximum working voltage
5700 VRMS Reinforced insulation per
EN 61010-1:2010 (3rd Ed) up to
working voltage of 600 VRMS (DW
package) and 1000 VRMS (DWW
package)
2 MOPP (Means of Patient
Protection) per CSA 60601-
1:14 and IEC 60601-1 Ed. 3.1,
250 VRMS (354 VPK) max
working voltage (DW package)
5700 VRMS Reinforced insulation per
EN 60950-1:2006/A11:2009/A1:2010/
A12:2011/A2:2013 up to working
voltage of 800 VRMS (DW package) and
1450 VRMS (DWW package)
Certification planned
Certification planned
Certification planned
Certification planned
Certification planned
6.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW PACKAGE
IS
Safety input, output, or supply
current
RθJA = 82°C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C,
see Figure 3
277
mA
RθJA = 82°C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C,
see Figure 3
423
RθJA = 82°C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C,
see Figure 3
554
PS
Safety input, output, or total
power
RθJA = 82°C/W, TJ = 150°C, TA = 25°C,
see Figure 5
1524
mW
TS
Maximum safety temperature
150
°C
DWW PACKAGE
IS
Safety input, output, or supply
current
RθJA = 84.6°C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C,
see Figure 4
269
mA
RθJA = 84.6°C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C,
see Figure 4
410
RθJA = 84.6°C/W, VI = 2.75 V, TJ = 150°C, TA =
25°C,
see Figure 4
537
PS
Safety input, output, or total
power
RθJA = 84.6°C/W, TJ = 150°C, TA = 25°C,
see Figure 6
1478
mW
TS
Maximum safety temperature
150
°C
The maximum safety temperature is the maximum junction temperature specified for the device. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information is that of a
device installed on a High-K test board for leaded surface-mount packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com