Electronic Components Datasheet Search
  English  ▼

X  

ISO7820LL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7820LL
Description  High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7820LL Datasheet(HTML) 1 Page - Texas Instruments

  ISO7820LL Datasheet HTML 1Page - Texas Instruments ISO7820LL Datasheet HTML 2Page - Texas Instruments ISO7820LL Datasheet HTML 3Page - Texas Instruments ISO7820LL Datasheet HTML 4Page - Texas Instruments ISO7820LL Datasheet HTML 5Page - Texas Instruments ISO7820LL Datasheet HTML 6Page - Texas Instruments ISO7820LL Datasheet HTML 7Page - Texas Instruments ISO7820LL Datasheet HTML 8Page - Texas Instruments ISO7820LL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Isolation
Capacitor
INx+
INx±
OUTx+
OUTx±
LVDS TX
LVDS RX
VCCI
GNDI
VCCO
GNDO
ENx
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ISO7820LL, ISO7821LL
SLLSET8A – MARCH 2016 – REVISED AUGUST 2016
ISO782xLL High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
1
1 Features
1
•
Complies with TIA/EIA-644-A LVDS Standard
•
Signaling Rate: Up to 100 Mbps
•
Wide Supply Range: 2.25 V to 5.5 V
•
Wide Temperature Range: –55°C to +125°C
Ambient
•
Low Power Consumption, per Channel at 100
Mbps:
–
Typical 9.3-mA (ISO7820LL)
–
Typical 9.5-mA (ISO7821LL)
•
Low Propagation Delay: 17-ns Typical
•
Industry leading CMTI (min): ±100 kV/μs
•
Robust Electromagnetic Compatibility (EMC)
•
System-Level ESD, EFT, and Surge Immunity
•
Low Emissions
•
Isolation Barrier Life: > 40 Years
•
Wide Body and Extra-Wide Body SOIC-16
Package Options
•
Isolation Surge Withstand Voltage 12800 VPK
•
Safety-Related Certifications:
–
8000-VPK Reinforced Isolation per DIN V VDE
V 0884-10 (VDE V 0884-10):2006-12
–
5700-VRMS Isolation for 1 minute per UL 1577
–
CSA Component Acceptance Notice 5A, IEC
60950–1 and IEC 60601–1 End Equipment
Standards
–
TUV Certification per EN 61010-1 and EN
60950-1
–
GB4943.1-2011 CQC Certification
–
All Certifications are Planned
2 Applications
•
Motor Control
•
Test and Measurement
•
Industrial Automation
•
Medical Equipment
•
Communication Systems
3 Description
The
ISO782xLL
family
of
devices
is
a
high-
performance, isolated dual-LVDS buffer with 8000-
VPK isolation voltage. This device provides high
electromagnetic immunity and low emissions at low-
power consumption, while isolating the LVDS bus
signal. Each isolation channel has an LVDS receive
and transmit buffer separated by silicon dioxide
(SiO2) insulation barrier.
The ISO7820LL device has two forward-direction
channels. The ISO7821LL device has one forward
and one reverse-direction channel.
Through
innovative
chip
design
and
layout
techniques, the electromagnetic compatibility of the
ISO782xLL family of devices has been significantly
enhanced to ease system-level ESD, EFT, surge, and
emission compliance.
The ISO782xLL family of devices is available in 16-
pin SOIC wide-body (DW) package and extra-wide
body (DWW) packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO7820LL
ISO7821LL
DW (16)
10.30 mm × 7.50 mm
DWW (16)
10.30 mm × 14.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
VCCI and GNDI are supply and ground connections respectively for the input channels.
VCCO and GNDO are supply and ground connections respectively for the output channels.


Similar Part No. - ISO7820LL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7820LL TI1-ISO7820LL Datasheet
1Mb / 33P
High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7820LLDW TI1-ISO7820LLDW Datasheet
1Mb / 33P
High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7820LLDWR TI1-ISO7820LLDWR Datasheet
1Mb / 33P
High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7820LLDWW TI1-ISO7820LLDWW Datasheet
1Mb / 33P
High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7820LLDWWR TI1-ISO7820LLDWWR Datasheet
1Mb / 33P
High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
More results

Similar Description - ISO7820LL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7820 TI-ISO7820_15 Datasheet
1Mb / 28P
ISO7820 ISO7820F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI-ISO7821_15 Datasheet
1Mb / 38P
ISO7821 ISO7821F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821LLS TI1-ISO7821LLS Datasheet
134Kb / 6P
High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7830 TI1-ISO7830 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7831 TI1-ISO7831_16 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7820LL TI1-ISO7820LL_16 Datasheet
1Mb / 33P
High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7821LLS TI1-ISO7821LLS_16 Datasheet
1Mb / 31P
High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com