Electronic Components Datasheet Search
  English  ▼

X  

ISO7820LL Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7820LL
Description  High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7820LL Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7820LL Datasheet HTML 4Page - Texas Instruments ISO7820LL Datasheet HTML 5Page - Texas Instruments ISO7820LL Datasheet HTML 6Page - Texas Instruments ISO7820LL Datasheet HTML 7Page - Texas Instruments ISO7820LL Datasheet HTML 8Page - Texas Instruments ISO7820LL Datasheet HTML 9Page - Texas Instruments ISO7820LL Datasheet HTML 10Page - Texas Instruments ISO7820LL Datasheet HTML 11Page - Texas Instruments ISO7820LL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
ISO7820LL, ISO7821LL
SLLSET8A – MARCH 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ISO7820LL ISO7821LL
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
VCCI = Input-side VCCx; VCCO = Output-side VCCx.
6.9 DC Electrical Characteristics
(over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIN(EN)
Leakage Current on ENx
pins
Internal pullup on ENx pins
13
40
μA
VCC+(UVLO)
Positive-going
undervoltage-lockout
(UVLO) threshold
2.25
V
VCC–(UVLO)
Negative-going UVLO
threshold
1.7
V
VHYS(UVLO)
UVLO threshold hysteresis
0.2
V
VEN(ON)
EN pin turn-on threshold
0.7 VCCx
V
VEN(OFF)
EN pin turn-off threshold
0.3 VCCx
V
VEN(HYS)
EN pin threshold hysteresis
0.1 VCCx
V
CMTI
Common-mode transient
immunity
VI = VCCI
(1) or 0 V;
VCM = 1000 V; see Figure 25
100
120
kV/μs
LVDS TX
|VOD|
TX DC output differential
voltage
RL = 100 Ω, See Figure 26
250
350
450
mV
∆VOD
Change in TX DC output
differential between logic 1
and 0 states
RL = 100 Ω, see Figure 26
–10
0
10
mV
VOC
TX DC output common
mode voltage
RL = 100 Ω, see Figure 26
1.125
1.2
1.375
V
∆VOC
TX DC common mode
voltage difference
RL = 100 Ω, see Figure 26
–25
0
25
mV
IOS
TX output short circuit
current through OUTx
OUTx = 0
10
mA
OUTxP = OUTxM
10
IOZ
TX output current when in
high impedance
ENx = 0, OUTx from 0 to VCC
–5
5
µA
COUT
TX output pad capacitance
on OUTx at 1 MHz
DW package: ENx = 0,
DC offset = VCC / 2,
Swing = 200 mV, f = 1 MHz
10
pF
DWW package: ENx = 0,
DC offset = VCC / 2,
Swing = 200 mV, f = 1 MHz
10
LVDS RX
VIC
RX input common mode
voltage
VCC1, VCC2 ≥ 3 V
0.5 |VID|
1.2
2.4 – 0.5 |VID|
V
VCC1, VCC2 < 3 V
0.5 |VID|
1.2
VCCx – 0.6 – 0.5 |VID|
VIT1
Positive going RX input
differential threshold
Across VIC
50
mV
VIT2
Negative going RX input
differential threshold
Across VIC
–50
mV
IINx
Input current on INx
From 0 to VCCx (each input
independently)
10
20
µA
IINxP – IINxM
Input current balance
From 0 to VCCx
–6
6
µA
CIN
RX input pad capacitance
on INx at 1 MHz
DW package: DC offset = 1.2 V,
Swing = 200 mV, f = 1 MHz
6.6
pF
DWW package: DC offset = 1.2 V,
Swing = 200 mV, f = 1 MHz
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com