Electronic Components Datasheet Search
  English  ▼

X  

ISO7820LL Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7820LL
Description  High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7820LL Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7820LL Datasheet HTML 9Page - Texas Instruments ISO7820LL Datasheet HTML 10Page - Texas Instruments ISO7820LL Datasheet HTML 11Page - Texas Instruments ISO7820LL Datasheet HTML 12Page - Texas Instruments ISO7820LL Datasheet HTML 13Page - Texas Instruments ISO7820LL Datasheet HTML 14Page - Texas Instruments ISO7820LL Datasheet HTML 15Page - Texas Instruments ISO7820LL Datasheet HTML 16Page - Texas Instruments ISO7820LL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
0
2
4
6
8
10
D005
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
Data Rate (Mbps)
0
25
50
75
100
0
4
8
12
16
D020
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
VCCx Output Supply Voltage (V)
2.25
2.75
3.25
3.75
4.25
4.75
5.25
0
2
4
6
8
10
D003
ICC1, ICC2 at 1 Mbps
ICC1, ICC2 at 100 Mbps
Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
0
2
4
6
8
10
D004
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
Data Rate (Mbps)
0
25
50
75
100
0
2
4
6
8
10
D001
ICC1 at 2.5 V (mA)
ICC2 at 2.5 V (mA)
ICC1 at 3.3 V (mA)
ICC2 at 3.3 V (mA)
ICC1 at 5 V (mA)
ICC2 at 5 V (mA)
Data Rate (Mbps)
0
25
50
75
100
0
2
4
6
8
10
D002
ICC1 at 2.5 V (mA)
ICC2 at 2.5 V (mA)
ICC1 at 3.3 V (mA)
ICC2 at 3.3 V (mA)
ICC1 at 5 V (mA)
ICC2 at 5 V (mA)
13
ISO7820LL, ISO7821LL
www.ti.com
SLLSET8A – MARCH 2016 – REVISED AUGUST 2016
Product Folder Links: ISO7820LL ISO7821LL
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.13 Typical Characteristics
TA = 25°C
CH-A toggle
Figure 7. ISO7821LL Supply Current vs Data Rate (CH-A)
TA = 25°C
CH-B toggle
Figure 8. ISO7821LL Supply Current vs Data Rate (CH-B)
TA = 25°C
Figure 9. ISO7821LL Supply Current vs VCCx Output Supply
Voltage
Data rate = 100 Mbps
CH-A toggle
Figure 10. ISO7821LL Supply Current vs Temperature
(CH-A)
Data rate = 100 Mbps
CH-B toggle
Figure 11. ISO7821LL Supply Current vs Temperature
(CH-B)
TA = 25°C
CH-A toggle
Figure 12. ISO7820LL Supply Current vs Data Rate
(CH-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com