Electronic Components Datasheet Search
  English  ▼

X  

ISO7821 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7821
Description  High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7821 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO7821 Datasheet HTML 14Page - Texas Instruments ISO7821 Datasheet HTML 15Page - Texas Instruments ISO7821 Datasheet HTML 16Page - Texas Instruments ISO7821 Datasheet HTML 17Page - Texas Instruments ISO7821 Datasheet HTML 18Page - Texas Instruments ISO7821 Datasheet HTML 19Page - Texas Instruments ISO7821 Datasheet HTML 20Page - Texas Instruments ISO7821 Datasheet HTML 21Page - Texas Instruments ISO7821 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
18
ISO7821, ISO7821F
SLLSEM2F – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ISO7821 ISO7821F
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
See the Regulatory Information section for detailed isolation ratings.
8.3 Feature Description
ISO7821 is available in two channel configurations and default output state options to enable a variety of
application uses.
PRODUCT
CHANNEL DIRECTION
RATED ISOLATION
MAX DATA RATE
DEFAULT OUTPUT
ISO7821
1 Forward, 1 Reverse
5700 VRMS / 8000 VPK
(1)
100 Mbps
High
ISO7821F
1 Forward, 1 Reverse
5700 VRMS / 8000 VPK
(1)
100 Mbps
Low
(1)
All pins on each side of the barrier tied together creating a two-terminal device.
(2)
Measured from input pin to ground.
8.3.1 High Voltage Feature Description
NOTE
This coupler is suitable for 'safe electrical insulation' only within the safety ratings.
Compliance with the safety ratings shall be ensured by means of suitable protective
circuits.
Table 1. Package Insulation and Safety-Related Specifications
(over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
CLR
External clearance
Shortest terminal-to-terminal distance
through air
DW-16
8
mm
DWW-16
14.5
CPG
External creepage
Shortest terminal-to-terminal distance
across the package surface
DW-16
8
mm
DWW-16
14.5
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112; UL 746A
600
V
RIO
Isolation resistance, input to output(1)
VIO = 500 V, TA = 25°C
1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ max
1011
Ω
CIO
Barrier capacitance, input to output(1) VIO = 0.4 x sin (2πft), f = 1 MHz
1
pF
CI
Input capacitance(2)
VI = VCC/2 + 0.4 x sin (2πft), f = 1 MHz, VCC = 5 V
2
pF
NOTE
Creepage and clearance requirements should be applied according to the specific
equipment isolation standards of an application. Care should be taken to maintain the
creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed-circuit board do not reduce this distance.
Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves and/or ribs on a printed circuit board are used to
help increase these specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com